Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLEL-101 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # DLEL-101
Description  digital light engine
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DLEL-101 Datasheet(HTML) 3 Page - NXP Semiconductors

  DLEL-101 Datasheet HTML 1Page - NXP Semiconductors DLEL-101 Datasheet HTML 2Page - NXP Semiconductors DLEL-101 Datasheet HTML 3Page - NXP Semiconductors DLEL-101 Datasheet HTML 4Page - NXP Semiconductors DLEL-101 Datasheet HTML 5Page - NXP Semiconductors DLEL-101 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
canDLE powER DistRiBUtion
DLE L-101 — 12”
photometric performance
soURcE spEcifications
Optics:
Clear polycarbonate
Source:
45 surface mount LEDs (15 Red, 15 Green, 15 Blue)
Beam Angle:
120° x 120° (at 50% of peak illuminance)
Distribution:
Symmetric direct illumination
CCT:
Adjustable 1,000–10,000K
CRI:
Not measurable (CIE 13.3-1995)
Measured on:
White (Full Red, Green, and Blue)
Beam center:
150 cd
Thin dashed line:
Indicates 50% of peak
Multipliers:
0.33 Red, 0.29 Green, 0.38 Blue
-90
90
150
113
75
38
End View (solid line) and side view (dashed line) (Candelas)
120º
End view
Side view
0
0
120º
iLLUMinancE
iLLUMinancE DistRiBUtion
Units:
Footcandles/Lux
Measured on:
White (Full Red, Green, and Blue)
Distance from surface: 1’/.33m (from center of grid)
Multipliers:
0.33 Red, 0.29 Green, 0.38 Blue
1.5’/0.5m
1.5’/0.5m
1.5’/0.5m
1.5’/0.5m
0’/0m
0’/0m
Measured in Footcandles/Lux on axis.
3’
6’
9’
15’
1m
2m
3m
5m
16.7
4.2
1.9
0.7
179.8
45.2
20.5
7.5
5.5
1.4
0.6
0.2
59.2
15.1
6.5
2.2
4.8
1.2
0.5
0.2
51.7
12.9
5.4
2.2
6.4
1.6
0.7
0.3
68.9
17.2
7.5
3.2
color
white
red
green
blue
0.1
0.2
0.3
0.3
0.2
0.1
1.0
2.1
3.2
3.2
2.1
1.0
0.2
0.6
1.4
1.4
0.6
0.2
2.1
6.4
15.0
15.0
6.4
2.1
0.3
1.4
6.0
6.0
1.4
0.3
3.2
15.0
64.5
64.5
15.0
3.2
0.3
1.4
6.0
6.0
1.4
0.3
3.2
15.0
64.5
64.5
15.0
3.2
0.2
0.6
1.4
1.4
0.6
0.2
2.1
6.4
15.0
15.0
6.4
2.1
0.1
0.2
0.3
0.3
0.2
0.1
1.0
2.1
3.2
3.2
2.1
1.0
The photometric data below is based on the following constraints: DLE L-101 mounted into a 12-inch, linear tube fixture with clear lens. For
more information, refer to the iColor Cove NXT-12.IES file located on www.colorkinetics.com/support.
Photometric data is based on test results from an independent testing lab.
typicaL Light oUtpUt
color
wave length
total output
power
efficacy
(nm)
(lumens)
(watts)
(lm/w)
white
na
45.0
5.6
8.1
red
610-635
14.8
1.6
9.2
green
515-535
13.0
2.2
5.96
blue
460-480
17.2
2.2
7.8
Philips Solid-State Lighting Solutions • 3 Burlington Woods Drive • Burlington, MA 01803 • USA
Tel 888 FULL RGB • Tel 617 423 9999 • Fax 617 423 9998 • info@colorkinetics.com • www.colorkinetics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com