Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLEL-101 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # DLEL-101
Description  digital light engine
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DLEL-101 Datasheet(HTML) 2 Page - NXP Semiconductors

  DLEL-101 Datasheet HTML 1Page - NXP Semiconductors DLEL-101 Datasheet HTML 2Page - NXP Semiconductors DLEL-101 Datasheet HTML 3Page - NXP Semiconductors DLEL-101 Datasheet HTML 4Page - NXP Semiconductors DLEL-101 Datasheet HTML 5Page - NXP Semiconductors DLEL-101 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0.0
0.1
0.2
0.2
0.1
0.0
0.5
1.0
2.1
2.1
1.0
0.5
0.1
0.3
0.7
0.7
0.3
0.1
1.0
3.2
7.5
7.5
3.2
1.0
0.2
0.7
3.2
3.2
0.7
0.2
2.1
7.5
34.4
34.4
7.5
2.1
0.2
0.7
3.2
3.2
0.7
0.2
2.1
7.5
34.4
34.4
7.5
2.1
0.1
0.3
0.7
0.7
0.3
0.1
1.0
3.2
7.5
7.5
3.2
1.0
0.0
0.1
0.2
0.2
0.1
0.0
0.5
1.0
2.1
2.1
1.0
0.5
candle power distribution
DLE L-101 — 6”
photometric performance
source specifications
0
90
57
75
19
-90
38
End View (solid line) and side view (dashed line) (Candelas)
120º
End view
Side view
120º
Optics:
Clear polycarbonate
Source:
24 surface mount LEDs (8 Red, 8 Green, 8 Blue)
Beam Angle:
120° x 120° (at 50% of peak illuminance)
Distribution:
Symmetric direct illumination
CCT:
Adjustable 1,000–10,000K
CRI:
Not measurable (CIE 13.3-1995)
Measured on:
White (Full Red, Green, and Blue)
Beam center:
75 cd
Thin dashed lined:
Indicates 50% of peak
Multipliers:
0.33 Red, 0.29 Green, 0.38 Blue
The photometric data below is based on the following constraints: DLE L-101 mounted into a 6-inch, linear tube fixture with clear lens. For more
information, refer to the iColor Cove NXT-12.IES file located on www.colorkinetics.com/support.
Photometric data is based on test results from an independent testing lab.
optiBin®
There are inherent variations in the fabrication processes of all semiconductor materials. For LEDs, this variance results in differences in the color and intensity of
light output as well as electrical characteristics. Due to these differences, LED manufacturers sort production into “bins,” but insuring the availability of a single bin
is very difficult. To minimize this issue and achieve optimal color consistency in its products, Color Kinetics has developed and uses a proprietary technology called
Optibin. Optibin is an advanced production binning optimization process that minimizes the effects of LED variance for the best possible output uniformity in the
final product. Color Kinetics Optibin technology gives the most consistent control of color and intensity from product to product.
iLLUMinancE
iLLUMinancE DistRiBUtion
Units:
Footcandles (top)/Lux (bottom)
Measured on:
White (Full Red, Green, and Blue)
Distance from surface: 1’/.3m (from center of grid)
Multipliers:
0.33 Red, 0.29 Green, 0.38 Blue
1.5’/0.5m
1.5’/0.5m
1.5’/0.5m
1.5’/0.5m
0’/0m
0’/0m
Measured in Footcandles (top)/Lux (bottom) on axis.
3’
6’
9’
15’
1m
2m
3m
5m
8.9
2.2
1.0
0.3
95.8
23.7
10.8
3.2
2.9
0.7
0.3
0.1
31.2
7.5
3.2
1.1
2.5
0.6
0.3
0.1
26.9
6.5
3.2
1.1
3.4
0.8
0.4
0.1
36.6
8.6
4.3
1.1
color
white
red
green
blue
typicaL Light oUtpUt
color
wave length
total output
power
efficacy
(nm)
(lumens)
(watts)
(lm/w)
white
na
23.9
3.6
6.6
red
610-635
7.8
0.9
8.6
green
515-535
6.9
1.6
4.3
blue
460-480
9.1
1.6
5.6
Philips Solid-State Lighting Solutions • 3 Burlington Woods Drive • Burlington, MA 01803 • USA
Tel 888 FULL RGB • Tel 617 423 9999 • Fax 617 423 9998 • info@colorkinetics.com • www.colorkinetics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com