Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAW57B Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LAW57B
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAW57B Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LAW57B Datasheet HTML 3Page - OSRAM GmbH LAW57B Datasheet HTML 4Page - OSRAM GmbH LAW57B Datasheet HTML 5Page - OSRAM GmbH LAW57B Datasheet HTML 6Page - OSRAM GmbH LAW57B Datasheet HTML 7Page - OSRAM GmbH LAW57B Datasheet HTML 8Page - OSRAM GmbH LAW57B Datasheet HTML 9Page - OSRAM GmbH LAW57B Datasheet HTML 10Page - OSRAM GmbH LAW57B Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LA W57B, LY W57B
2006-07-19
7
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
OHL00787
10
0
1
10
2
10
10
3
mA
IF
VF
1.2
V
1.4 1.6 1.8 2.0 2.2 2.4
2.8
Relative Lichtfluss
2) 7) Seite 15
Relative Luminous Flux
2) 7) page 15
Φ
V/ΦV(400 mA) = f (IF); TA = 25 °C
10
10
10
1
-2
10-1
mA
2
10
I
F
3
100
101
OHL00788
V (400 mA)
V
Ι
Ι
5
5
5
Relative Lichtstrom
2) Seite 15
Relative Luminous Flux
2) page 15
Φ
V / ΦV(25 °C)= f (Tj); IF = 400 mA
OHL10740
0
-40
˚C
T
(25 ˚C)
V
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
-20
0
20
40
60
100
j
Φ
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com