Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAW57B Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LAW57B
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAW57B Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LAW57B Datasheet HTML 4Page - OSRAM GmbH LAW57B Datasheet HTML 5Page - OSRAM GmbH LAW57B Datasheet HTML 6Page - OSRAM GmbH LAW57B Datasheet HTML 7Page - OSRAM GmbH LAW57B Datasheet HTML 8Page - OSRAM GmbH LAW57B Datasheet HTML 9Page - OSRAM GmbH LAW57B Datasheet HTML 10Page - OSRAM GmbH LAW57B Datasheet HTML 11Page - OSRAM GmbH LAW57B Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LA W57B, LY W57B
2006-07-19
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
OHL01787
mA
IF
0
0
20
˚C
60
40
80
100
TS
50
100
150
200
250
300
350
400
450
Zulässige Impulsbelastbarkeit
I
F = f(tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
OHL01012
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.1
0.05
0.2
0.5
0.1
0.2
0.3
0.4
0.5
0.6
1
0.01
=
0.005
D
0.02
Zulässige Impulsbelastbarkeit
I
F = f(tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
OHL01012
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.1
0.05
0.2
0.5
0.1
0.2
0.3
0.4
0.5
0.6
1
0.01
=
0.005
D
0.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com