Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS32GD12P Datasheet(PDF) 3 Page - ABB

Part # OS32GD12P
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS32GD12P Datasheet(HTML) 3 Page - ABB

  OS32GD12P Datasheet HTML 1Page - ABB OS32GD12P Datasheet HTML 2Page - ABB OS32GD12P Datasheet HTML 3Page - ABB OS32GD12P Datasheet HTML 4Page - ABB OS32GD12P Datasheet HTML 5Page - ABB OS32GD12P Datasheet HTML 6Page - ABB OS32GD12P Datasheet HTML 7Page - ABB OS32GD12P Datasheet HTML 8Page - ABB OS32GD12P Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OS
OS
OS
OS
OS
Switch size
A
32
50
63
125
160
Rated insulation voltage
Pollution degree 3
V
1 000
1 000
1 000
1 000
1 000
Dielectric strength
50 Hz 1min.
kV
10
10
10
10
10
Rated impulse withstand voltage
kV
12
12
12
12
12
Rated thermal current in ambient 40 °C 2) /
In enclosure
A/W 32/7.5 50/7.5 63/7.5 125/12 160/12
max. fuse power dissipation1)
...with minimum cable cross section
Cu
mm2
6
10
16
50
70
Rated operational voltage AC-20 and DC-20
V
1 000
1 000
1 000
1 000
1 000
Rated operational current, AC-21
up to 500 V
A
32
50
63
125
160
690 V
A
32
50
63
125
160
Rated operational current, AC-22
up to 500 V
A
32
50
63
125
160
690 V
A
32
50
63
125
160
Rated operational current, AC-23
up to 500 V
A
32
50
63
125
160
690 V
A
32
50
63
125
160
Rated operational power, AC-234)
The kW-ratings are accurate
230 V
kW
7.5
11
18.5
37
45
for three-phase 1500 R.P.M.
400 V
kW
15
22
30
55
75
standard asynchronous motors. 415 V
kW
15
22
30
55
75
500 V
kW
18.5
30
37
75
90
690 V
kW
22
37
55
110
132
Rated breaking capacity in category AC-23
up to 690 V
A
504
504
504
1280
1280
Rated conditional short-circuit current
I
p (r.m.s.)
100 kA, 500 V
kA
12
12
12
25
25
I
p (r.m.s.) and corresponding max. allowed
Fuse size
OFAA/OFAM
A
63/63
63/63
63/63 160/160 160/160
cut-off current î
c
Power loss / pole
With rated current, without fuse
W
1
2.5
4
5
9
Mechanical endurance
Divide by two for oper. cycles
Oper. 20 000 20 000 20 000 20 000 20 000
Fuse types, IEC 60269-2-1
DIN 43620
000
000
000, 00 000, 00
NFC 63210, 63211
14x51
22x58
BS 88-2, -6 -size /
A2-A3
A2-A3 A2-A43) A2-A43)
distance of fuse-link bolts
mm
M5/73
M5/73 M5/73,
M8/94
M5/73,
M8/94
Weight without accessories
3-pole switch fuses
kg
1.3
1.3
1.3
1.5
1.5
4-pole switch fuses
kg
1.6
1.6
1.6
1.8
1.8
Built-in terminal size
Cu
mm2 2.5...25 2.5...25 2.5...25
Terminal bolt size (included)
Metric thread diameter x length
mm
M8x25 M8x25
Terminal tightening torque
Counter torque required
Nm
3.5
3.5
3.5
15-22
15-22
Fuse-links bolts tightening torque
Nm
3.5
3.5
M5:3.5
M8:5
M5:3.5
M8:5
Operating torque
Typical for 3-pole switch fuses
Nm
5
5
5
7
7
Technical data according to IEC 60947-3
Placing options of the operating mechanism
At the end of the switch
fuse OS_03 or 04
Between the poles
OS_12 or 22
Side operated types OS_30 or 40
OS_03 or 04
Switch fuses OS32...160 A Gamma Series | Technical data 3
1)
Ambient temperature 60 °C: derating 20%.
2)
Acc. to IEC 60947-1, § 6.1.1.
3)
Max. fuse body diam. 32 mm.
The technical data is valid at the time of printing.
We reserve the right to subsequent alterations.
4)
Some fuse links limit these figures further.
Starting current characteristics must be
considered separately
Technical data
Switch fuses OS32G_...160G_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com