Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS32GD12P Datasheet(PDF) 5 Page - ABB

Part # OS32GD12P
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS32GD12P Datasheet(HTML) 5 Page - ABB

  OS32GD12P Datasheet HTML 1Page - ABB OS32GD12P Datasheet HTML 2Page - ABB OS32GD12P Datasheet HTML 3Page - ABB OS32GD12P Datasheet HTML 4Page - ABB OS32GD12P Datasheet HTML 5Page - ABB OS32GD12P Datasheet HTML 6Page - ABB OS32GD12P Datasheet HTML 7Page - ABB OS32GD12P Datasheet HTML 8Page - ABB OS32GD12P Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Switch fuses OS32...160 A Gamma Series | Ordering information 5
Ordering information
Switch fuses OS32G...160G_, BS-types
Front operated switch fuses
Including a black ON-OFF plastic handle and shaft as standard. OS32G_...63G_ include protected
tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit. The handle is IP65 protected,
padlockable in the OFF-position and with door interlock in the ON-position and when padlocked. The
shaft is adjustable for a range of installation depths.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
Mechanism between the poles
32
15/18.5/22 A2, A3
3
OS32GB12P
1SCA115331R1001 1
1.3
32
15/18.5/22 A2, A3
4
OS32GB22N1P
1SCA115345R1001 1
1.6
63
30/37/55
A2, A3
3
OS63GB12P
1SCA115325R1001 1
1.3
63
30/37/55
A2, A3
4
OS63GB22N1P
1SCA114601R1001 1
1.6
125
55/75/110 A2, A3, A41)
3
OS125GB12P
1SCA114603R1001 1
1.5
125
55/75/110 A2, A3, A41)
4
OS125GB22N1P
1SCA115903R1001 1
1.8
160
75/90/132 A2, A3, A41)
3
OS160GB12P
1SCA115637R1001 1
1.5
160
75/90/132 A2, A3, A41)
4
OS160GB22N1P
1SCA115899R1001 1
1.8
Mechanism at the end of the switch fuse
32
15/18.5/22 A2, A3
3
OS32GB03P
1SCA115259R1001 1
1.3
32
15/18.5/22 A2, A3
4
OS32GB04N1P
1SCA114610R1001 1
1.6
63
30/37/55
A2, A3
3
OS63GB03P
1SCA115235R1001 1
1.3
63
30/37/55
A2, A3
4
OS63GB04N1P
1SCA115238R1001 1
1.6
125
55/75/110 A2, A3, A41)
3
OS125GB03P
1SCA115634R1001 1
1.5
125
55/75/110 A2, A3, A41)
4
OS125GB04N1P
1SCA115901R1001 1
1.8
160
75/90/132 A2, A3, A41)
3
OS160GB03P
1SCA115413R1001 1
1.5
160
75/90/132 A2, A3, A41)
4
OS160GB04N1P
1SCA115896R1001 1
1.8
Side operated switch fuses without handle and shaft
OS32G_...63G_ include protected tunnel terminals (IP20) and OS125G...160G include a terminal bolt kit.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
32
15/18.5/22 A2, A3
3
OS32GBS30
1SCA115955R1001 1
1.3
32
15/18.5/22 A2, A3
4
OS32GBS40N1
1SCA115956R1001 1
1.6
63
30/37/55
A2, A3
3
OS63GBS30
1SCA115957R1001 1
1.3
63
30/37/55
A2, A3
4
OS63GBS40N1
1SCA115978R1001 1
1.6
125
55/75/110 A2, A3, A41)
3
OS125GBS30
1SCA116048R1001 1
1.5
125
55/75/110 A2, A3, A41)
4
OS125GBS40N1
1SCA115959R1001 1
1.8
160
75/90/132 A2, A3, A41)
3
OS160GBS30
1SCA115960R1001 1
1.5
160
75/90/132 A2, A3, A41)
4
OS160GBS40N1
1SCA115961R1001 1
1.8
Shafts and handles included as standard /
Front operated switch fuses
Suitable for switches
Included shaftIncluded handle
Included terminal bolts
OS32G_...63G_
OXP6X161OHB45J6
OS125G_...160G_
OXP6X161OHB65J6
M8x25
1) Max. fuse diameter 32 mm
OS_N1_ = Non-fused neutral on the left side
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
OS125G_...160G_03P
OS32G_...63G_03P
ON
ON
O
F
F
O
F
F
ON
ON
O
F
F
O
F
F
OS32G_...63GBS_
(handle and the shaft to be
ordered separately)
OS125G_...160GBS_
(handle and the shaft to be
ordered separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com