Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS32GD12P Datasheet(PDF) 6 Page - ABB

Part # OS32GD12P
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS32GD12P Datasheet(HTML) 6 Page - ABB

Back Button OS32GD12P Datasheet HTML 2Page - ABB OS32GD12P Datasheet HTML 3Page - ABB OS32GD12P Datasheet HTML 4Page - ABB OS32GD12P Datasheet HTML 5Page - ABB OS32GD12P Datasheet HTML 6Page - ABB OS32GD12P Datasheet HTML 7Page - ABB OS32GD12P Datasheet HTML 8Page - ABB OS32GD12P Datasheet HTML 9Page - ABB OS32GD12P Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 Ordering information | Switch fuses OS32...160 A Gamma series
Ordering information
Front operated switch fuses
Including a black ON-OFF plastic handle and shaft as standard. OS50G_ include protected tunnel
terminals (IP20) and OS125G include a terminal bolt kit. The handle is IP65 protected, padlockable
in the OFF-position and with door interlock in the ON-position and when padlocked. The shaft is
adjustable for a range of installation depths.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
Mechanism between the poles
50
22/30/37
14x51
3
OS50GF12P
1SCA115553R1001 1
1.3
50
22/30/37
14x51
4
OS50GF22N1P
1SCA114622R1001 1
1.6
50
22/30/37
14x51
4
OS50GF22FP
1SCA114623R1001 1
1.6
125
55/75/110 22x58
3
OS125GF12P
1SCA114624R1001 1
1.5
125
55/75/110 22x58
4
OS125GF22N1P
1SCA115893R1001 1
1.8
125
55/75/110 22x58
4
OS125GF22FP
1SCA115614R1001 1
1.8
Mechanism at the end of the switch fuse
50
22/30/37
14x51
3
OS50GF03P
1SCA115492R1001 1
1.3
50
22/30/37
14x51
4
OS50GF04N1P
1SCA115495R1001 1
1.6
50
22/30/37
14x51
4
OS50GF04FP
1SCA115498R1001 1
1.6
125
55/75/110 22x58
3
OS125GF03P
1SCA115602R1001 1
1.5
125
55/75/110 22x58
4
OS125GF04N1P
1SCA115888R1001 1
1.8
125
55/75/110 22x58
4
OS125GF04FP
1SCA115606R1001 1
1.8
Side operated switch fuses without handle and shaft
OS50G_ include protected tunnel terminals (IP20) and OS125G include a terminal bolt kit.
Rated op.
Rated op.
Fuse
Number
Type
Order number
Units/
Weight/
current
power
size
of
type
unit
AC-20...23
AC-23
poles
[pcs]
[kg]
≤ 690V
400/500/690V
[A]
[kW]
50
22/30/37
14x51
3
OS50GFS30
1SCA116050R1001 1
1.3
50
22/30/37
14x51
4
OS50GFS40N1
1SCA116058R1001 1
1.6
50
22/30/37
14x51
4
OS50GFS40F
1SCA116014R1001 1
1.6
125
55/75/110 22x58
3
OS125GFS30
1SCA115973R1001 1
1.5
125
55/75/110 22x58
4
OS125GFS40N1
1SCA115974R1001 1
1.8
125
55/75/110 22x58
4
OS125GFS40F
1SCA115975R1001 1
1.8
Shafts and handles included as standard /
Front operated switch fuses
Suitable for switches
Included shaftIncluded handle
Included terminal bolts
OS50G_
OXP6X161
OHB45J6
OS125G_
OXP6X161
OHB65J6
M8x25
OS_N1_ = Non-fused neutral on the left side
OS_F_ = Fused neutral
Switch fuses OS32G...160G_, NFC-types
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
OS125G_03P
OS50G_03P
ON
ON
O
F
F
O
F
F
ON
ON
O
F
F
O
F
F
OS50GFS_
(handle and the shaft to be
ordered separately)
OS125GFS_
(handle and the shaft to be
ordered separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com