Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS32GD12P Datasheet(PDF) 7 Page - ABB

Part # OS32GD12P
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS32GD12P Datasheet(HTML) 7 Page - ABB

Back Button OS32GD12P Datasheet HTML 3Page - ABB OS32GD12P Datasheet HTML 4Page - ABB OS32GD12P Datasheet HTML 5Page - ABB OS32GD12P Datasheet HTML 6Page - ABB OS32GD12P Datasheet HTML 7Page - ABB OS32GD12P Datasheet HTML 8Page - ABB OS32GD12P Datasheet HTML 9Page - ABB OS32GD12P Datasheet HTML 10Page - ABB OS32GD12P Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Switch fuses OS32...160 A Gamma Series | Ordering information 7
Ordering information
Front operated switch fuses
Including a black ON-OFF plastic handle and shaft as standard. OS60G_ include protected tunnel
terminals (IP20) and OS100G_include a terminal bolt kit. The handle is IP65 protected, Nema type
1, 3R, 12, padlockable in the OFF-position and with door interlock in the ON-position and when
padlocked. The shaft is adjustable for a range of installation depths.
Ampere
Horse power Fuse
Number
Type
Order number
Units/
Weight/
rating
ratings
size
of
type
unit
[A]
3-phase
poles
[pcs]
[kg]
240/480/600V
[HP]
Mechanism between the poles
60
15/30/50
J, 60A
3
OS60GJ12P
1SCA115449R1001 1
1.3
60
15/30/50
J, 60A
4
OS60GJ22FP
1SCA115469R1001 1
1.6
100
30/60/75
J, 100A
3
OS100GJ12P
1SCA115666R1001 1
1.5
100
30/60/75
J, 100A
4
OS100GJ22FP
1SCA114636R1001 1
1.8
Mechanism at the end of the switch fuse
60
15/30/50
J, 60A
3
OS60GJ03P
1SCA115443R1001 1
1.3
60
15/30/50
J, 60A
4
OS60GJ04FP
1SCA115446R1001 1
1.6
100
30/60/75
J, 100A
3
OS100GJ03P
1SCA114639R1001 1
1.5
100
30/60/75
J, 100A
4
OS100GJ04FP
1SCA115439R1001 1
1.8
Side operated switch fuses without handle and shaft
OS60G_ include protected tunnel terminals (IP20) and OS100G include a terminal bolt kit.
Ampere
Horse power Fuse
Number
Type
Order number
Units/
Weight/
rating
ratings
size
of
type
unit
[A]
3-phase
poles
[pcs]
[kg]
240/480/600V
[HP]
60
15/30/50
J, 60A
3
OS60GJS30
1SCA116051R1001 1
1.3
60
15/30/50
J, 60A
4
OS60GJS40F
1SCA115970R1001 1
1.6
100
30/60/75
J, 100A
3
OS100GJS30
1SCA115971R1001 1
1.5
100
30/60/75
J, 100A
4
OS100GJS40F
1SCA115972R1001 1
1.8
Shafts and handles included as standard /
Front operated switch fuses
Suitable for switches
Included shaftIncluded handle
Included terminal bolts
OS60G_
OXP6X161
OHB45J6
OS100G_
OXP6X161
OHB65J6
M8x25
Switch fuses OS32G...160G_, UL-types
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
OS100G_03P
OS60G_03P
ON
ON
O
F
F
O
F
F
ON
ON
O
F
F
O
F
F
OS60GJS_
(handle and the shaft to be
ordered separately)
OS100GJS_
(handle and the shaft to be
ordered separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com