Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 55 Page - Texas Instruments

Part # AM6421
Description  AM64x Sitara™ Processors
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM6421 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 51Page - Texas Instruments AM6421 Datasheet HTML 52Page - Texas Instruments AM6421 Datasheet HTML 53Page - Texas Instruments AM6421 Datasheet HTML 54Page - Texas Instruments AM6421 Datasheet HTML 55Page - Texas Instruments AM6421 Datasheet HTML 56Page - Texas Instruments AM6421 Datasheet HTML 57Page - Texas Instruments AM6421 Datasheet HTML 58Page - Texas Instruments AM6421 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 273 page
background image
Table 5-1. Pin Attributes (ALV, ANI Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
K12
VDDA_MCU
VDDA_MCU
PWR
N12
VDDA_PLL0
VDDA_PLL0
PWR
H9
VDDA_PLL1
VDDA_PLL1
PWR
J11
VDDA_PLL2
VDDA_PLL2
PWR
G11
VDDA_TEMP0
VDDA_TEMP0
PWR
L11
VDDA_TEMP1
VDDA_TEMP1
PWR
L10, M13
VDDR_CORE
VDDR_CORE
PWR
F11, G12,
G14
VDDSHV0
VDDSHV0
PWR
M7, N6, P7
VDDSHV1
VDDSHV1
PWR
R10, R8, T9
VDDSHV2
VDDSHV2
PWR
P14, P15
VDDSHV3
VDDSHV3
PWR
M14, M15
VDDSHV4
VDDSHV4
PWR
L14, L15
VDDSHV5
VDDSHV5
PWR
F9, G10, G8 VDDSHV_MCU
VDDSHV_MCU
PWR
F7, G6, H7,
J6, K7, L6
VDDS_DDR
VDDS_DDR
PWR
J8
VDDS_DDR_C
VDDS_DDR_C
PWR
K14
VDDS_MMC0
VDDS_MMC0
PWR
H13
VDDS_OSC
VDDS_OSC
PWR
J10, J12,
K11, K9, L12,
L8, M11, M9,
N10, N8, P9
VDD_CORE
VDD_CORE
PWR
H14
VDD_DLL_MMC0
VDD_DLL_MMC0
PWR
K13
VDD_MMC0
VDD_MMC0
PWR
K16
VMON_1P8_MCU
VMON_1P8_MCU
A
E12
VMON_1P8_SOC
VMON_1P8_SOC
A
F13
VMON_3P3_MCU
VMON_3P3_MCU
A
F14
VMON_3P3_SOC
VMON_3P3_SOC
A
K10
VMON_VSYS
VMON_VSYS
A
G15
VPP
VPP
PWR
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56J – JANUARY 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com