Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 63 Page - Texas Instruments

Part # AM6421
Description  AM64x Sitara™ Processors
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM6421 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 59Page - Texas Instruments AM6421 Datasheet HTML 60Page - Texas Instruments AM6421 Datasheet HTML 61Page - Texas Instruments AM6421 Datasheet HTML 62Page - Texas Instruments AM6421 Datasheet HTML 63Page - Texas Instruments AM6421 Datasheet HTML 64Page - Texas Instruments AM6421 Datasheet HTML 65Page - Texas Instruments AM6421 Datasheet HTML 66Page - Texas Instruments AM6421 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 273 page
background image
Table 5-13. JTAG Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
TRSTn
I
JTAG Reset
D11
5.3.7 EPWM
5.3.7.1 MAIN Domain
Table 5-14. EPWM Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
EHRPWM_SOCA
O
EPWM Start of Conversion A
C17
EHRPWM_SOCB
O
EPWM Start of Conversion B
D17
EHRPWM_TZn_IN0
I
EPWM Trip Zone Input 0 (active low)
T18
EHRPWM_TZn_IN1
I
EPWM Trip Zone Input 1 (active low)
V21
EHRPWM_TZn_IN2
I
EPWM Trip Zone Input 2 (active low)
R16, R20
EHRPWM_TZn_IN3
I
EPWM Trip Zone Input 3 (active low)
P16
EHRPWM_TZn_IN4
I
EPWM Trip Zone Input 4 (active low)
P17, P19
EHRPWM_TZn_IN5
I
EPWM Trip Zone Input 5 (active low)
R21, Y18
Table 5-15. EPWM0 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
EHRPWM0_A
IO
EPWM Output A
U20
EHRPWM0_B
IO
EPWM Output B
U18
EHRPWM0_SYNCI
I
Sync Input to EPWM module from an external pin
T20
EHRPWM0_SYNCO
O
Sync Output from EPWM module to an external pin
U21
Table 5-16. EPWM1 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
EHRPWM1_A
IO
EPWM Output A
U19
EHRPWM1_B
IO
EPWM Output B
V20
Table 5-17. EPWM2 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
EHRPWM2_A
IO
EPWM Output A
V19
EHRPWM2_B
IO
EPWM Output B
T17
Table 5-18. EPWM3 Signal Descriptions
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
EHRPWM3_A
IO
EPWM Output A
V18
EHRPWM3_B
IO
EPWM Output B
Y21
EHRPWM3_SYNCI
I
Sync Input to EPWM module from an external pin
Y20
EHRPWM3_SYNCO
O
Sync Output from EPWM module to an external pin
R17
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56J – JANUARY 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com