Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 79 Page - Texas Instruments

Part # AM6421
Description  AM64x Sitara™ Processors
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM6421 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 75Page - Texas Instruments AM6421 Datasheet HTML 76Page - Texas Instruments AM6421 Datasheet HTML 77Page - Texas Instruments AM6421 Datasheet HTML 78Page - Texas Instruments AM6421 Datasheet HTML 79Page - Texas Instruments AM6421 Datasheet HTML 80Page - Texas Instruments AM6421 Datasheet HTML 81Page - Texas Instruments AM6421 Datasheet HTML 82Page - Texas Instruments AM6421 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 273 page
background image
Table 5-58. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
SIGNAL
TYPE [2]
DESCRIPTION [3]
ALV/ANI PIN [4]
VDDA_1P8_SERDES0
PWR
SERDES0 1.8V analog supply
R14
VDDA_1P8_USB0
PWR
USB0 1.8V analog supply
R15
VDDA_3P3_SDIO
PWR
SDIO_LDO 3.3V analog supply
H15
VDDA_3P3_USB0
PWR
USB0 3.3V analog supply
R13
VDDA_ADC
PWR
ADC0 analog supply
J13
VDDA_MCU
PWR
RCOSC, POR, POK, and MCU_PLL0 analog supply
K12
VDDA_PLL0
PWR
MAIN_PLL0, MAIN_PLL2, and MAIN_PLL14 analog
supply
N12
VDDA_PLL1
PWR
MAIN_PLL8 and MAIN_PLL12 analog supply
H9
VDDA_PLL2
PWR
MAIN_PLL1 analog supply
J11
VDDA_TEMP0
PWR
TEMP0 analog supply
G11
VDDA_TEMP1
PWR
TEMP1 analog supply
L11
VDDR_CORE
PWR
RAM supply
L10, M13
VDDSHV0
PWR
IO supply for IO group 0
F11, G12, G14
VDDSHV1
PWR
IO supply for IO group 1
M7, N6, P7
VDDSHV2
PWR
IO supply for IO group 2
R10, R8, T9
VDDSHV3
PWR
IO supply for IO group 3
P14, P15
VDDSHV4
PWR
IO supply for IO group 4
M14, M15
VDDSHV5
PWR
IO supply for IO group 5
L14, L15
VDDSHV_MCU
PWR
IO supply for IO MCU
F9, G10, G8
VDDS_DDR
PWR
DDR PHY IO supply
F7, G6, H7, J6,
K7, L6
VDDS_DDR_C
PWR
DDR clock IO supply
J8
VDDS_MMC0
PWR
MMC0 PHY IO supply
K14
VDDS_OSC
PWR
MCU_OSC0 supply
H13
VDD_CORE
PWR
Core supply
J10, J12, K11,
K9, L12, L8,
M11, M9, N10,
N8, P9
VDD_DLL_MMC0
PWR
MMC0 PLL analog supply
H14
VDD_MMC0
PWR
MMC0 PHY core supply
K13
VPP
PWR
eFuse ROM programming supply
G15
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56J – JANUARY 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com