Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6421 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM6421
Description  AM64x Sitara™ Processors
PDF  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM6421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 3Page - Texas Instruments AM6421 Datasheet HTML 4Page - Texas Instruments AM6421 Datasheet HTML 5Page - Texas Instruments AM6421 Datasheet HTML 6Page - Texas Instruments AM6421 Datasheet HTML 7Page - Texas Instruments AM6421 Datasheet HTML 8Page - Texas Instruments AM6421 Datasheet HTML 9Page - Texas Instruments AM6421 Datasheet HTML 10Page - Texas Instruments AM6421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 273 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 4
3 Description.......................................................................5
3.1 Functional Block Diagram........................................... 6
4 Device Comparison......................................................... 8
4.1 Related Products...................................................... 10
5 Terminal Configuration and Functions........................ 11
5.1 Pin Diagrams.............................................................11
5.2 Pin Attributes.............................................................12
5.3 Signal Descriptions................................................... 57
5.4 Pin Connectivity Requirements.................................94
6 Specifications................................................................ 99
6.1 Absolute Maximum Ratings...................................... 99
6.2 ESD Ratings........................................................... 101
6.3 Power-On Hours (POH).......................................... 101
6.4 Recommended Operating Conditions.....................102
6.5 Operating Performance Points................................103
6.6 Power Consumption Summary............................... 103
6.7 Electrical Characteristics.........................................104
6.8 VPP Specifications for One-Time Programmable
(OTP) eFuses............................................................ 111
6.9 Thermal Resistance Characteristics....................... 112
6.10 Temperature Sensor Characteristics.....................113
6.11 Timing and Switching Characteristics....................114
7 Detailed Description....................................................234
7.1 Overview................................................................. 234
7.2 Processor Subsystems........................................... 235
7.3 Accelerators and Coprocessors..............................237
7.4 Other Subsystems.................................................. 237
8 Applications, Implementation, and Layout............... 245
8.1 Device Connection and Layout Fundamentals....... 245
8.2 Peripheral- and Interface-Specific Design
Information................................................................ 247
8.3 Clock Routing Guidelines........................................254
9 Device and Documentation Support..........................255
9.1 Device Nomenclature..............................................255
9.2 Tools and Software................................................. 258
9.3 Documentation Support.......................................... 258
9.4 Support Resources................................................. 258
9.5 Trademarks.............................................................258
9.6 Electrostatic Discharge Caution..............................259
9.7 Glossary..................................................................259
10 Revision History........................................................ 259
11 Mechanical, Packaging, and Orderable
Information.................................................................. 261
11.1 Packaging Information.......................................... 261
www.ti.com
AM6442, AM6441, AM6422, AM6421, AM6412, AM6411
SPRSP56J – JANUARY 2021 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM6442 AM6441 AM6422 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com