Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHT Datasheet(PDF) 17 Page - ABB

Part # ATSHT
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSHT Datasheet(HTML) 17 Page - ABB

Back Button ATSHT Datasheet HTML 12Page - ABB ATSHT Datasheet HTML 13Page - ABB ATSHT Datasheet HTML 14Page - ABB ATSHT Datasheet HTML 15Page - ABB ATSHT Datasheet HTML 16Page - ABB ATSHT Datasheet HTML 17Page - ABB ATSHT Datasheet HTML 18Page - ABB ATSHT Datasheet HTML 19Page - ABB ATSHT Datasheet HTML 20Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17 Enclosed Switching Products 0115 ABB Low Voltage
Enclosed single bypass switches, I-O-II operation, open transition
• BPS 4 pole 40 to 630A with OMD800 controller, blank door, wall mountable
Description
Rated
Current
(A)
Enclosure Size (mm)
Single Bypass
Controller OMD800
H
W
D
Order Code
BPS 40A
40
1000
800
300
OTA40E4C8SBSR
BPS 63A
63
1000
800
300
OTA63E4C8SBSR
BPS 100A
100
1000
800
300
OTA100E4C8SBSR
BPS 125A
125
1000
800
300
OTA125E4C8SBSR
BPS 160A
160
1200
1000
400
OTA160E4C8SBSR
BPS 250A
250
1200
1000
400
OTA250E4C8SBSR
BPS 400A
400
1200
1000
400
OTA400E4C8SBSR
BPS 630A
630
1600
1200
600
OTA630E4C8DBAM
Enclosed dual bypass switches, I-O-II operation, open transition
• BPS 4 pole 40 to 630A with OMD800 controller, blank door, wall mountable
Description
Rated
Current
(A)
Enclosure Size (mm)
Dual Bypass
Controller OMD800
H
W
D
Order Code
BPS 40A
40
1000
800
300
OTA40E4C8DBSR
BPS 63A
63
1000
800
300
OTA63E4C8DBSR
BPS 100A
100
1000
800
300
OTA100E4C8DBSR
BPS 125A
125
1000
800
300
OTA125E4C8DBSR
BPS 160A
160
1200
1000
400
OTA160E4C8DBSR
BPS 250A
250
1200
1000
400
OTA250E4C8DBSR
BPS 400A
400
1200
1000
400
OTA400E4C8DBSR
BPS 630A
630
1600
1200
600
OTA630E4C8DBAM
Enclosed manual & automatic transfer switches
Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com