Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHT Datasheet(PDF) 5 Page - ABB

Part # ATSHT
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSHT Datasheet(HTML) 5 Page - ABB

  ATSHT Datasheet HTML 1Page - ABB ATSHT Datasheet HTML 2Page - ABB ATSHT Datasheet HTML 3Page - ABB ATSHT Datasheet HTML 4Page - ABB ATSHT Datasheet HTML 5Page - ABB ATSHT Datasheet HTML 6Page - ABB ATSHT Datasheet HTML 7Page - ABB ATSHT Datasheet HTML 8Page - ABB ATSHT Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5 Enclosed Switching Products 0115 ABB Low Voltage
Load Break Switches 3 - 4 pole 20 ... 800A
• IP65 rated (not suitable for external installation)
• Powder coated textured finish (RAL 7035)
• All 3 pole switches include detachable neutral link (OT160 solid link)
• Hinged lid complete with lock
• Padlockable pistol grip handle as standard
• Removable gland plates fitted top and bottom (see below for knockout configurations)
• Spreader boxes available see below
Rating@415v [A]
Dimensions
Part Number
Product Hierarchy 4000003
Order Code
1th A
AC22
AC23
H
W
D
No. Poles
32
25
20
300
200
150
3 + solid neutral
OT20TPN-A
OT20TPN-A
4
OT20FP-A
OT20FP-A
40
40
23
300
200
150
3+ solid neutral
OT32TPN-A
OT32TPN-A
4
OT32FP-A
OT32FP-A
80
80
75
300
300
150
3+ solid neutral
OT63TPN-A
OT63TPN-A
4
OT63FP-A
OT63FP-A
115
100
80
400
300
150
3+ solid neutral
OT100TPN-A
OT100TPN-A
4
OT100FP-A
OT100FP-A
125
125
90
400
300
150
3+ solid neutral
OT125TPN-A
OT125TPN-A
4
OT125FP-A
OT125FP-A
160
160
135
500
400
200
3 + solid neutral
OT160TPN-A
OT160TPN-A
4
OT160FP-A
OT160FP-A
200
200
200
500
400
200
3+ solid neutral
OT200TPN-A
OT200TPN-A
4
OT200FP-A
OT200FP-A
315
315
315
500
400
200
3+ solid neutral
OT315TPN-A
OT315TPN-A
4
OT400FP-A
OT400FP-A
500
500
500
500
400
200
3+ solid neutral
OT400TPN-A
OT400TPN-A
4
OT400TPN-A
OT400TPN-A
630
630
630
600
400
250
3+ solid neutral
OT630TPN-A
OT630TPN-A
4
OT630FP-A
OT630FP-A
800
800
800
600
400
250
3+ solid neutral
OT800TPN-A
OT800TPN-A
4
OT800TPN-A
OT800TPN-A
Switchgear - Loadbreak switches
IP65 Steel enclosure
Spreader Boxes
Suitable for Loadbreak Switches
Product Hierarchy 3200003
Spreader Box
Order Code
Spreader Box Gasket
Order Code
OT20, OT32, OT63, OT100, OT125
Not Required
OT160, OT200, OT315, OT400
SRN5420K
GZ4020
OT630, OT800
SRN6425K
GZ4025
Wall Mounting Brackets (Pack of 4)
AA1206
Auxiliary Contacts
1 N/O
OA1G10
OA1G10
1 N/C - only for OT20-125_
OA1G01
OA1G01
1 N/C - only for OT200 and above
OA3G01
OA3G01
1 N/O - 1 N/C - OT20-125 and OT160 only
OA2G11
OA2G11
Mounting module for OA2G11 - for OT160 only
OAZX1
OAZX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com