Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHT Datasheet(PDF) 4 Page - ABB

Part # ATSHT
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSHT Datasheet(HTML) 4 Page - ABB

  ATSHT Datasheet HTML 1Page - ABB ATSHT Datasheet HTML 2Page - ABB ATSHT Datasheet HTML 3Page - ABB ATSHT Datasheet HTML 4Page - ABB ATSHT Datasheet HTML 5Page - ABB ATSHT Datasheet HTML 6Page - ABB ATSHT Datasheet HTML 7Page - ABB ATSHT Datasheet HTML 8Page - ABB ATSHT Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4 Enclosed Switching Products 0115 ABB Low Voltage
5 Enclosed Switching Products 0115 ABB Low Voltage
Load Break Switches 3 - 4 - 6 pole 16...125 amps
Description
• IP65 rated
• Grey plastic enclosure
• Standard handle - Red/Yellow (padlockable in the off position)
• Cable entries top and bottom
• All OTP16 (excluding 3p) /25/32 all have 25/20mm reducers
Rating@415v
Dimensions mm
Part Number
Product Hierarchy 4000002
Order Code
1th A
AC22
AC23
kW
No. Poles
H
W
D
25
16
16
7.5
3 + solid neutral
150
130
60
OTP16BA3M
OTP16BA3M
4
OTP16BA4MS
OTP16BA4MS
6
OTP16BA6M
OTP16BA6M
32
25
20
9
3+ solid neutral
150
130
60
OTP25BA3M
OTP25BA3M
4
OTP25BA4M
OTP25BA4M
6
OTP25BA6M
OTP25BA6M
40
40
23
11
3+ neutral
150
130
60
OTP32BA3M
OTP32BA3M
4
OTP32BA4M
OTP32BA4M
6
OTP32BA6M
OTP32BA6M
63
63
45
22
3+ solid neutral
200
145
90
OTP45BA3M
OTP45BA3M
4
OTP45BA4M
OTP45BA4M
6
OTP45BA6M
OTP45BA6M
80
80
75
37
3+ solid neutral
200
145
90
OTP63BA3M
OTP63BA3M
4
OTP63BA4M
OTP63BA4M
6
OTP63BA6M
OTP63BA6M
125
125
90
45
3+ solid neutral
400
200
140
OTP125BA3U
OTP125BA3U
4
OTP125BA4U
OTP125BA4U
6
OTP125BA6U
OTP125BA6U
Polycarbonate Enclosure 9kW ... 37kW 4 pole
32
25
9
125
100
107
S47K5N-A
S47K5N-A
40
40
11
S415KN-A
S415KN-A
63
63
22
170
140
108
S418KN-A
S418KN-A
80
80
37
S426KN-A
S426KN-A
Safety Switches 3 pole 16...40 amps
Rating@415v
Dimensions mm
Part Number
Product Hierarchy 4000002
Order Code
1th A AC22 AC23
kW
No. Poles
H
W
D
25
16
16
7.5
3
150
130
60
OTP16B3M
OTP16B3M
32
25
20
9
3
150
130
60
OTP16B3M
OTP16B3M
40
40
23
11
3
150
130
60
OTP32B3U
OTP32B3U
Switchgear - Loadbreak & safety switches
IP65 Double insulated enclosure
Polycarbonate Enclosure 9kW ... 11kW 3 pole
Rating@415v
Dimensions mm
Part Number
Product Hierarchy 4000002
Order Code
1th A
AC22
kW
H
W
D
32
25
9
125
100
107
S37K5N-A
S37K5N-A
40
40
11
S315KN-A
S315KN-A
Load Break Switches 3 - 4 pole 9...37kW
Description
• IP65 three and four-pole switch disconnectors suitable for load break switching or isolation.
• Polycarbonate enclosure. IEC 60947-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com