Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSHT Datasheet(PDF) 3 Page - ABB

Part # ATSHT
Description  Switchgear Enclosed switch disconnectors, switch fuses and transfer switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ATSHT Datasheet(HTML) 3 Page - ABB

  ATSHT Datasheet HTML 1Page - ABB ATSHT Datasheet HTML 2Page - ABB ATSHT Datasheet HTML 3Page - ABB ATSHT Datasheet HTML 4Page - ABB ATSHT Datasheet HTML 5Page - ABB ATSHT Datasheet HTML 6Page - ABB ATSHT Datasheet HTML 7Page - ABB ATSHT Datasheet HTML 8Page - ABB ATSHT Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3 Enclosed Switching Products 0115 ABB Low Voltage
Switchgear
Enclosed OT switch disconnectors, OS switch fuses,
Manual & automatic transfer switches
Contents
Double insulated enclosed switches & safety switches
4
Metal enclosed switches
5
Metal enclosed switch fuses
6
Fuses
7
Metal enclosed manual & automatic transfer switches
8
Functionallity & features
10
General & technical information
12
Controller technical information
14
Selection
16
Accessories
18
OFFNB 1
MADE IN AB
B
415V
63A
1 / gG
>80kA
OFFNF 1
MADE IN AB
B
415V
32A
1 / gG
>80kA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com