Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8724 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 4 Page - Renesas Technology Corp

  FN8724 Datasheet HTML 1Page - Renesas Technology Corp FN8724 Datasheet HTML 2Page - Renesas Technology Corp FN8724 Datasheet HTML 3Page - Renesas Technology Corp FN8724 Datasheet HTML 4Page - Renesas Technology Corp FN8724 Datasheet HTML 5Page - Renesas Technology Corp FN8724 Datasheet HTML 6Page - Renesas Technology Corp FN8724 Datasheet HTML 7Page - Renesas Technology Corp FN8724 Datasheet HTML 8Page - Renesas Technology Corp FN8724 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 4 of 33
Dec 7, 2021
Application Circuit Diagram
VN
PGND
LXP
VBST
VBSTCP
AGND
ENN
VP
CP
VIN
SDA
SCL
PGNDCP
ENP
VSUB
CN
A
B
C
D
1
23
4
L1
2.2µH OR 4.7µH
CVIN
4.7µF/10V/0603
OR
10µF/10V/0402
CCP-CN
4.7µF/10V/0603
OR
10µF/10V/0402
CVBST
4.7µF/10V/0603
OR
10µF/10V/0402
PROCESSOR
VIN
VIN
CVP
4.7µF/10V/0603
OR
10µF/10V/0402
CVN
4.7µF/10V/0603
OR
10µF/10V/0402
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE DESCRIPTION
(RoHS Compliant)
PKG.
DWG. #
CARRIER TYPE
(Note 1)TEMP RANGE
ISL98608IIHZ-T
608H
16 Ball (4x4 bump, 0.4mm pitch) WLCSP
W4x4.16G
Reel, 3k
-40 to +85°C
ISL98608HEVAL1Z
Evaluation Board
NOTES:
1. See TB347 for details on reel specifications.
2. These Pb-free WLCSP packaged products employ special Pb-free material sets; molding compounds/die attach materials and SnAgCu - e1 solder ball
terminals, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Pb-free WLCSP packaged products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the ISL98608IIH product information. For more information on MSL, see TB363.
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
VIN
(V)
MAXIMUM OUTPUT CURRENT (mA)
VBST VOLTAGE
(V)
VP VOLTAGE
(V)
VN VOLTAGE
(V)
ISL98608
2.5 to 5
100
5.65
5.5
-5.5
ISL98608IIH
2.5 to 5.5
200
5.4
5
-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com