Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8724 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 11Page - Renesas Technology Corp FN8724 Datasheet HTML 12Page - Renesas Technology Corp FN8724 Datasheet HTML 13Page - Renesas Technology Corp FN8724 Datasheet HTML 14Page - Renesas Technology Corp FN8724 Datasheet HTML 15Page - Renesas Technology Corp FN8724 Datasheet HTML 16Page - Renesas Technology Corp FN8724 Datasheet HTML 17Page - Renesas Technology Corp FN8724 Datasheet HTML 18Page - Renesas Technology Corp FN8724 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 15 of 33
Dec 7, 2021
Application Information
Description
The ISL98608IIH is a display PMIC and can be used to supply
power to an LCD display. Figure 42 shows the typical system
application block diagram. For display power, the ISL98608IIH
integrates a boost regulator (VBST), low dropout linear regulator
(VP) and an inverting charge pump regulator (VN). The boost
voltage is generated from a battery voltage ranging from 2.5V to
5.5V and boost regulator output can be programmed from 4.60V
to 7.3V. The VBST regulator integrates low-side NFET and
high-side PFET MOSFETs for synchronous rectification.
The output voltage of VBST is the input to the linear regulator
(VP). The VBST output and VP regulator input are connected
internally in the IC. The VP regulator supplies a positive voltage in
the range of +4.5V to +7V with 50mV resolution. An 80Ω
discharge resistor discharges residual voltage when the power-
off sequence is initiated, which helps avoid ghost image issues.
The LDO is an ideal solution for the positive supply due to its low
ripple, fast load transient response, higher efficiency and low
dropout voltage.
The VN voltage is generated by a regulated inverting charge
pump topology. VBSTCP is the input to the inverting charge
pump, which should be connected to the VBST pin on the PCB.
The VN regulator supplies negative voltage from -7V to -4.5V with
50mV resolution. Similar to the VP regulator, the VN regulator
also integrates a discharge resistor and the value of discharge
resistor is 35Ω. The VN is an ideal solution for negative supply
due to low ripple, fast load transient response and higher
efficiency.
Modes of Operation
SHUTDOWN MODE
The ISL98608IIH is in shutdown mode when the enable pins,
namely ENN and ENP are pulled low. When the ENN and ENP
pins are all pulled low, all the regulators are powered off and the
IC is placed in shutdown mode where the current consumed from
the battery is only 1µA (typical).
OPERATING MODE
The IC is in normal operating mode when the ENN and ENP are
pulled high and the current consumed from the battery is only
1mA (excluding VBST and VN switching current). After the
ENN/ENP signals are pulled high, VBST, VP and VN go through
power-on sequencing. Refer to “Power-On/Off Sequence” on
page 23 for more details.
FIGURE 42. TYPICAL SYSTEM APPLICATION BLOCK DIAGRAM
APPLICATIONS
PROCESSOR
LCD PANEL/HI-Fi AUDIO AMPLIFIER
ISL98608IIH
VP
VN
VIN
2.5V to 5.5V
+-
ENN
ENP
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com