Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8724 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 24Page - Renesas Technology Corp FN8724 Datasheet HTML 25Page - Renesas Technology Corp FN8724 Datasheet HTML 26Page - Renesas Technology Corp FN8724 Datasheet HTML 27Page - Renesas Technology Corp FN8724 Datasheet HTML 28Page - Renesas Technology Corp FN8724 Datasheet HTML 29Page - Renesas Technology Corp FN8724 Datasheet HTML 30Page - Renesas Technology Corp FN8724 Datasheet HTML 31Page - Renesas Technology Corp FN8724 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ISL98608IIH
FN8724 Rev.2.01
Page 28 of 33
Dec 7, 2021
Fault Protection and Monitoring
The ISL98608IIH features extensive protections to automatically
handle failure conditions and protect the IC and application from
damage.
OVERCURRENT PROTECTION (OCP)
The overcurrent protection limits the VBST nMOSFET current on a
cycle-by-cycle basis. When the nMOSFET current reaches the
current limit threshold, the nMOSFET is turned off for the
remainder of that cycle. Overcurrent protection does not disable
any of the regulators. Once the fault is removed, the IC will
continue with normal operation.
UNDERVOLTAGE LOCKOUT (UVLO)
If the input voltage (VIN) falls below the VUVLO_HYS level of ~2.3V
(typical), the VBST, VP and VN regulators will be disabled. All the
rails will restart with normal soft-start operation when the VIN
input voltage is applied again (rising VIN > VUVLO). Refer to the
“Electrical Specifications” table on page 6 for the UVLO
specifications.
Note, the I2C registers (logic) are not cleared/reset to default by
the falling VIN UVLO. The logic states are retained if VIN remains
above 2V (typical). Once VIN falls below 2V, all logic is reset. VIN
should fall below 2V (ideally to GND) before power is reapplied to
ensure a full power cycle/reset of the device.
OVER-TEMPERATURE PROTECTION (OTP)
The ISL98608IIH has a hysteretic over-temperature protection
threshold set at +150°C (typical). If this threshold is reached, the
VBST, VP and VN regulators are disabled immediately. As soon as
temperature falls by 20°C (typical) then all the regulators
automatically restart.
All register bits, except for Bit <b0> of the FAULT register
(Register Address 0x04), remain unaffected during an OTP fault
event. When an OTP event occurs, FAULT register bit <b0> is
latched to ‘1’. This bit is reset/cleared by cycling both ENN and
ENP (set LOW, then HIGH) at the same time, or by cycling VIN
power. Bit <b0> can also be reset after it is read twice by I2C. A
single I2C read will return the bit value (status) and a second read
will reset only the OTP bit.
Output undervoltage protection is disabled during an OTP event.
Since the output voltages decrease during an OTP event because
the regulators are disabled, this will not trigger a UVP fault.
UNDERVOLTAGE PROTECTION (UVP)
The ISL98608IIH includes output undervoltage protection.
Undervoltage protection disables the regulator whenever the
output voltage of VBST or VP falls below 60% of its set/regulated
voltage, or the output voltage of VN goes above 60% of its
set/regulated voltage, for 100µs or more. If the output voltage
exceeds the 60% condition for less than 100µs, no fault will
occur.
Depending on which regulator(s) fault, bit(s) <b3>, <b2>, or <b1>
in the FAULT register will be latched to ‘1’ for VP, VN and VBST
faults, respectively. The bit(s) are reset/cleared by cycling both
ENN and ENP (set LOW, then HIGH) at the same time or by
cycling VIN power.
Undervoltage protection can be disabled by making selection
from register 0x05<b5>.
Component Selection
The design of the boost converter is simplified by an internal
compensation scheme, which allows an easy system design
without complicated calculations. Select component values
using the following recommendations.
Input Capacitor
It is recommended that a 10µF X5R/X7R or equivalent ceramic
capacitor is placed on the VIN input supply to ground.
Inductor
First, determine the minimum inductor saturation current
required for the application.
The ISL98608IIH operates in Continuous Conduction Mode (CCM)
at higher load current and in Discontinuous Conduction Mode
(DCM) at lighter loads. In CCM, we can calculate the peak
inductor current using Equations 5 through 9.
Given these parameters:
•Input Voltage = VIN
• Output Voltage = VO
•Duty Cycle = D
• Switching Frequency = fSW
•tSW =1/fSW
Then the inductor ripple can be calculated as:
Where D = 1 - (VIN/VO), then rewrite Equation 5:
The average inductor current is equal to the average input
current, where IIAVG can be calculated from the efficiency of the
converter.
To find the peak inductor current write the expression as:
Substituting Equations 6 and 7 in Equation 8 to calculate IPk:
I
P-P
VIN
 D

=
L
f
SW 
(EQ. 5)
I
P-P
VIN
 V
O
VIN
–

=
L
f
SW
V
O 
(EQ. 6)
IIAVG
VOIO
 V
IN
Efficiency

=
(EQ. 7)
IPk IP-P 2
=
IIAVG
+
(EQ. 8)
IPK
0.5VIN VO VIN
–
L
 f
SW
V
O 
VO
I
O 
+
V
IN
EFF

=
(EQ. 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com