Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8724 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # FN8724
Description  High Efficiency Single Inductor Positive/Negative Power Supply
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8724 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button FN8724 Datasheet HTML 17Page - Renesas Technology Corp FN8724 Datasheet HTML 18Page - Renesas Technology Corp FN8724 Datasheet HTML 19Page - Renesas Technology Corp FN8724 Datasheet HTML 20Page - Renesas Technology Corp FN8724 Datasheet HTML 21Page - Renesas Technology Corp FN8724 Datasheet HTML 22Page - Renesas Technology Corp FN8724 Datasheet HTML 23Page - Renesas Technology Corp FN8724 Datasheet HTML 24Page - Renesas Technology Corp FN8724 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Register Map
REGISTER
ADDRESS
(HEX)
REGISTER
NAME
R/W
FUNCTION
BIT <b7>BIT <b6>BIT <b5>BIT <b4>BIT <b3>BIT <b2>BIT <b1>BIT <b0>
DEFAULT
VALUE
(HEX)
IC RESET
0x04
FAULT/
STATUS
R/W[7]
R[6:0]
Fault Status
Read-back
Reboot
1 = Reset all
digital (reverts to
0 once reboot
completes)
0= Normal
operation
Not used
Start VP and
VN together
0=
Sequenced
1 =Start
together
VP UVP
0= Output
Voltage OK
1= UVP
Detect if VP
<60% for
>100µs
VN UVP
0= Output
Voltage OK
1= UVP
Detect if VN
<60% for
>100µs
VBST UVP
0=Output
Voltage OK
1= UVP
Detect if
VBST <70%
for >100µs
OTP
0=Temp Ok
1= OTP
detected,
Temp = +150°C
for >10µs
0x00
Cycle VIN or
Bit 0 - cycle
ENN and ENP
Bit 1 - cycle
ENN and ENP
Bit 2 - cycle
ENN
Bit 3 - Cycle
ENP
0x05
ENABLE
R/W IC Enable/
Sequencing
VP/VN soft-start
times
0= VP = 1.2ms
VN = 1.8ms
1=
VP = VN = 0.7ms
VP/VN
Discharge
Resistor
0= Enabled
1= Disabled
Enable
shutdown of
VBST/VP/VN
at OTP or if
any is UV after
start-up.
0= Disabled
1= Enabled
Delay VP off
0 = VP off
2ms after
ENP
1= VP off
with ENP
Reserved
VP Enable:
0= Disable
1= Enable
VN Enable:
0= Disable
1=Enable
VBST Enable:
0= Disable
1=Enable
0x27
Cycle VIN or
clear the
register
0x04 bit
<b7>
0x06
VBST
VOLTAGE
R/W VBST Voltage
Adjustment
Not Used
VBST Voltage <5:0>
VBST = VBST(Default)V + N x 50mV
Once the maximum voltage is reached the algorithm will wrap around to give 4.65V to 5.1V options
0x00
Cycle VIN or
clear the
register
0x04 bit
<b7>
0x08
VN VOLTAGE
R/W VN Voltage
Adjustment
Not Used
VN Voltage <5:0>
VN = VN(Default)V - N x 50mV
Once the min voltage is reached the algorithm will wrap around to give -4.5V to -4.95V options
0x00
Cycle VIN or
clear the
register
0x04 bit
<b7>
0x09
VP VOLTAGE
R/W VP Voltage
Adjustment
Not Used
VP Voltage <5:0>
VP = VP(Default)V + N x 50mV
Once the maximum voltage is reached the algorithm will wrap around to give 4.5V to 4.95V options
0x00
Cycle VIN or
clear the
register
0x04 bit
<b7>
0x0D
VBST control
and VBST/VN
FREQUENCY
R/W VBST control
and VBST/VN
frequency
Reserved
Reserved
Power FET slew rate control
00 = Slowest
01 = Slow
10 = Fast
11=Fastest
PFM mode
0= Enabled
1= Disabled
VBST and VN switching frequency
000 = 1.00MHz
001 = 1.07MHz
010 = 1.23MHz
011 = 1.33MHz
100 = 1.45MHz
101 = 1.60MHz
110 = 1.78MHz
111 = 2.00MHz
0xB4
Cycle VIN or
clear the
register
0x04 bit
<b7>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com