Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML3 Datasheet(PDF) 6 Page - Clarke International

Part # CML3
Description  HYDRAULIC MOTORCYCLE LIFT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML3 Datasheet(HTML) 6 Page - Clarke International

Back Button CML3 Datasheet HTML 2Page - Clarke International CML3 Datasheet HTML 3Page - Clarke International CML3 Datasheet HTML 4Page - Clarke International CML3 Datasheet HTML 5Page - Clarke International CML3 Datasheet HTML 6Page - Clarke International CML3 Datasheet HTML 7Page - Clarke International CML3 Datasheet HTML 8Page - Clarke International CML3 Datasheet HTML 9Page - Clarke International CML3 Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
NOTE: A 1HP (MIN) air compressor is recommended for operation,
although a 2HP compressor will increase the speed of operation.
FURTHER ASSEMBLY
When the pedal is assembled you may find that the foot plate is too near the
bottom of the safety plate. If so make these adjustments.
1. Raise the table and engage the safety locking bar as described on page 5
point 7.
2. When the table is secure, identify the adaptor, pin and ‘R’ clip as shown
above.
3. Remove the ‘R’ clip and pin and let the link bar drop down from between
the flanges of the adaptor.
4. Loosen the adaptor from the threaded pin by 2 - 3 threads.
5. Refit the link bar using the pin and ‘R’ clip’.
6. The foot plate should have lowered in relation to the pedal guard.
7. If the necessary foot plate position has not been reached, Repeat the
operation (Do not loosen the adaptor too much, make sure that sufficient
thread engages with the pin).
SYSTEM AIR PURGE
In the event of the platform not pumping up to full height it may be necessary
to purge air from the hydraulic system.
1. Pump up the platform as far as possible then fully lower using the lowering
pedal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com