Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML3 Datasheet(PDF) 3 Page - Clarke International

Part # CML3
Description  HYDRAULIC MOTORCYCLE LIFT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML3 Datasheet(HTML) 3 Page - Clarke International

  CML3 Datasheet HTML 1Page - Clarke International CML3 Datasheet HTML 2Page - Clarke International CML3 Datasheet HTML 3Page - Clarke International CML3 Datasheet HTML 4Page - Clarke International CML3 Datasheet HTML 5Page - Clarke International CML3 Datasheet HTML 6Page - Clarke International CML3 Datasheet HTML 7Page - Clarke International CML3 Datasheet HTML 8Page - Clarke International CML3 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
1. NEVER exceed the safe working load of 450 kg and only use the
motorcycle lift for its intended purpose.
2. NEVER use the lift if it has been subjected to an abnormal load or shock. It
should be removed from service immediately and fully inspected by
qualified personnel before being passed as serviceable before being used
again.
3. NEVER rely on the hydraulic ram to support the table when loaded. Always
use the locking bar to hold the table in one of the two positions provided.
4. NEVER crawl or reach under the platform unless it is mechanically locked
using the safety bar provided.
5. ALWAYS use the lift on a solid, flat, level surface.
6. ALWAYS screw down the
stabilisers before putting the table
under load.
NOTE: The castors are not designed
to take the weight of the
motorcycle but are used
merely to move the lift
quickly and easily around
the workshop. On no
account must you raise a
loaded platform unless the
stabilisers are screwed
down, and NEVER use the lift
to transport a load.
7. ALWAYS use appropriate safety
equipment such as protective
footwear when using this lift.
8. ALWAYS inspect the lift before use to ensure it is in good condition and
replace any damaged or worn parts.
9. ALWAYS use spare parts supplied by Clarke International. Using non-
standard parts could be extremely dangerous.
10. ENSURE the operator is trained in both operational and safety aspects of
using this product.
11. NEVER leave this lift unattended whilst there is a load on it.
12. NEVER allow children or bystanders anywhere near this lift whilst it is in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com