Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML3 Datasheet(PDF) 2 Page - Clarke International

Part # CML3
Description  HYDRAULIC MOTORCYCLE LIFT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML3 Datasheet(HTML) 2 Page - Clarke International

  CML3 Datasheet HTML 1Page - Clarke International CML3 Datasheet HTML 2Page - Clarke International CML3 Datasheet HTML 3Page - Clarke International CML3 Datasheet HTML 4Page - Clarke International CML3 Datasheet HTML 5Page - Clarke International CML3 Datasheet HTML 6Page - Clarke International CML3 Datasheet HTML 7Page - Clarke International CML3 Datasheet HTML 8Page - Clarke International CML3 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE hydraulic motorcycle lift.
Before attempting to operate this product, it is essential that you read this
manual thoroughly and carefully follow all instructions given. In doing so you
can look forward to the product giving you long and satisfactory service.
GUARANTEE
This CLARKE product is guaranteed against faulty manufacture for a period of
12 months from the date of purchase. Please keep your receipt as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
SPECIFICATIONS
Model Number
CML3 & CML3AIR
Maximum Load
450 kg
Minimum Table Height
130 mm
Maximum Table Height
770 mm (excl wheel clamp)
Net weight inc wheel clamp
139kg (CML3) 145 kg (CML3A)
Table length
2200 mm
Table length with ramp
2790 mm
Operating air pressure (Air version only)
120-200 psi ( 8.27-13.78 bar)
Operating temperature range
4oC - 40oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com