Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CML3 Datasheet(PDF) 8 Page - Clarke International

Part # CML3
Description  HYDRAULIC MOTORCYCLE LIFT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML3 Datasheet(HTML) 8 Page - Clarke International

Back Button CML3 Datasheet HTML 4Page - Clarke International CML3 Datasheet HTML 5Page - Clarke International CML3 Datasheet HTML 6Page - Clarke International CML3 Datasheet HTML 7Page - Clarke International CML3 Datasheet HTML 8Page - Clarke International CML3 Datasheet HTML 9Page - Clarke International CML3 Datasheet HTML 10Page - Clarke International CML3 Datasheet HTML 11Page - Clarke International CML3 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
Always carry out a visual check before use to ensure the lift is serviceable,
never take things for granted.
For safety purposes, loading the lift is
essentially a two man operation.
DO NOT exceed the maximum lifting
capacity of 450kg (1000lbs)
UNDER NO CIRCUMSTANCES should
you ride a motorcycle on to the lift,
and on no account allow anyone to
mount the motorcycle whilst it is on
the table.
With the lift maneuvered to a suitable
position which allows adequate
working space, screw down the
stabilizers in order to take the weight
off the casters and to prevent any
possible movement of the table whilst
working.
With the wheel clamp wide open, lower the table to its lowest position and
with one person either side of the motorcycle, position it on the table so that
the front wheel rests up against the stop plate.
Wind in the moveable wheel clamp to secure the front wheel and tighten.
Secure the motorcycle with straps using the lashing eyes, one each side of the
table.
Before raising the table, check to ensure the motorcycle is perfectly stable.
Ensuring there is nothing to obstruct the table, press the raising lever
repeatedly, or use the air controller if fitted, and raise to an appropriate height
to insert the safety bar.
NOTE: Two positions are provided into which the safety bar may be
inserted, giving two working heights.
With the safety bar correctly inserted, lower the table using the lowering foot
lever to ensure the full weight of the table is taken by the safety bar.
If the rear wheel is to be removed, ensure the motorcycle rests on its centre
stand and is well lashed down. Alternatively, a ’Paddock Stand’ may be used
to raise and secure the trailing axle. The cover of the opening, at the rear of
the table, may be removed to facilitate the removal of the rear wheel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com