Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1100 Datasheet(PDF) 4 Page - Clarke International

Part # JS1100
Description  JUMPSTART
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1100 Datasheet(HTML) 4 Page - Clarke International

  JS1100 Datasheet HTML 1Page - Clarke International JS1100 Datasheet HTML 2Page - Clarke International JS1100 Datasheet HTML 3Page - Clarke International JS1100 Datasheet HTML 4Page - Clarke International JS1100 Datasheet HTML 5Page - Clarke International JS1100 Datasheet HTML 6Page - Clarke International JS1100 Datasheet HTML 7Page - Clarke International JS1100 Datasheet HTML 8Page - Clarke International JS1100 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
18. NEVER operate the compressor for more than 10 minutes, then wait a
further 10 minutes before continuing. Use a maximum of 6 cycles, then
allow 2 hours before repeating.
19. ALWAYS store the jump-starter out of reach of children.
20. If splashed by battery acid, immediately flush the area of the splash with
clean water. If a burning sensation is felt or any blistering occurs, seek
medical help.
21. If acid comes into contact with the eyes, flush the eyes with clean water
continuously and seek medical help.
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the
obligation to deal with the WEEE in accordance with the WEEE
regulations in relation to the treatment, recycling & recovery and
environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing
Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal
facility.
ELECTRICAL SYMBOLS DISPLAYED
Class II appliance without an earth connection (charger only)
Always read instructions before use
Fuse T2 A
Indoor use only
WARNING: ALL LEAD ACID BATTERIES GENERATE HYDROGEN GAS
DURING NORMAL OPERATION. THIS PROCESS INCREASES DURING A
PERIOD OF RAPID DISCHARGE, SUCH AS WHEN USING FOR JUMP -
STARTING.
WARNING: HYDROGEN GAS AND BATTERY ACID (SULPHURIC ACID) CAN
BE: EXPLOSIVE, CORROSIVE TO SKIN, EYES AND HAIR, DAMAGING TO
CLOTHING AND METALS, FLAMMABLE, POISONOUS TO BREATHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com