Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1100 Datasheet(PDF) 7 Page - Clarke International

Part # JS1100
Description  JUMPSTART
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1100 Datasheet(HTML) 7 Page - Clarke International

Back Button JS1100 Datasheet HTML 3Page - Clarke International JS1100 Datasheet HTML 4Page - Clarke International JS1100 Datasheet HTML 5Page - Clarke International JS1100 Datasheet HTML 6Page - Clarke International JS1100 Datasheet HTML 7Page - Clarke International JS1100 Datasheet HTML 8Page - Clarke International JS1100 Datasheet HTML 9Page - Clarke International JS1100 Datasheet HTML 10Page - Clarke International JS1100 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INITIAL BATTERY CHARGING
1. Charge your jump-start battery before using it for the first time.
2. Recharge the jump-start battery after every occasion of use if possible,
and thereafter, at least every 90 days.
3. Always avoid leaving your jump-start in a discharged state.
FOLLOW THE ABOVE POINTS TO ENSURE MAXIMUM LIFE FROM THE BATTERY.
Two means of charging the battery are provided:
1. Via a 230V mains electricity
supply, using the mains adaptor,
as shown.
2. Via a 12V supply using the vehicle
cigar lighter adapter with cable
and plug provided.
NOTE: Using a 12V vehicle supply,
the battery will not charge to
maximum, but only to
approx. 50% of its capacity.
NOTE: A 5 amp fuse is fitted into the cigarette lighter plug adaptor,
accessed by unscrewing the end cap of the adaptor. Take care
not to loose the spring when unscrewing this cap.
CHARGING USING THE 230V MAINS ADAPTOR
1. Plug the cable into the socket at
the rear of the charger, then plug
the adaptor into the mains supply
and switch on.
• The RED/YELLOW/GREEN
CHARGING lights on the jump-
start will light in sequence to
indicate that charging is in
progress.
2. Continue to charge until only the
GREEN light is on to indicate the unit is charged.
3. This could take many hours, dependant upon the state of charge of the
battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com