Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1100 Datasheet(PDF) 8 Page - Clarke International

Part # JS1100
Description  JUMPSTART
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1100 Datasheet(HTML) 8 Page - Clarke International

Back Button JS1100 Datasheet HTML 4Page - Clarke International JS1100 Datasheet HTML 5Page - Clarke International JS1100 Datasheet HTML 6Page - Clarke International JS1100 Datasheet HTML 7Page - Clarke International JS1100 Datasheet HTML 8Page - Clarke International JS1100 Datasheet HTML 9Page - Clarke International JS1100 Datasheet HTML 10Page - Clarke International JS1100 Datasheet HTML 11Page - Clarke International JS1100 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CHARGING USING THE 12V ADAPTOR
1. Plug the jack plug into the charging socket at the front of the unit, then into
the cigar lighter socket on the vehicle and start the engine. The RED/
YELLOW/GREEN CHARGING lights on the jump-start will indicate that
charging is in progress.
2. Continue to charge until the GREEN LED illuminates.
NOTE: We recommend that you use this system only when necessary, as
prolonged use will reduce the life expectancy of the battery, due
to the fact that this method can only charge the battery to
approx. 50% of its capacity.
NOTE: For maximum battery life, we strongly recommend that you
maintain the battery in a fully charged state at all times.
NOTE: If charging does not take place, check the green LED on the
adapter. Ensure all connections are clean and free of grease etc.
BATTERY TEST FUNCTION
Before using the jumpstarter, press the
test button and the LED display will
indicate the battery status.
• If the voltage is <17V, the green
LED will flash with an alarm on.
• If the voltage is 12.2 - 17V the
green LED will be constantly on,
showing the battery is fully
charged.
• If the voltage is <12.2V, the
yellow LED will be on, showing that the battery requires charging.
• If the voltage is between 10 & 12 V, the Red LED will be on, indicating
that the battery requires charging badly before it can be used.
• If the voltage is from 8-10 volts, the Red LED will flash with an alarm
on. The battery requires immediate charging.
• If the voltage is less than 8V the unit will shut off automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com