Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1100 Datasheet(PDF) 2 Page - Clarke International

Part # JS1100
Description  JUMPSTART
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1100 Datasheet(HTML) 2 Page - Clarke International

  JS1100 Datasheet HTML 1Page - Clarke International JS1100 Datasheet HTML 2Page - Clarke International JS1100 Datasheet HTML 3Page - Clarke International JS1100 Datasheet HTML 4Page - Clarke International JS1100 Datasheet HTML 5Page - Clarke International JS1100 Datasheet HTML 6Page - Clarke International JS1100 Datasheet HTML 7Page - Clarke International JS1100 Datasheet HTML 8Page - Clarke International JS1100 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Jump-start.
The JS1100 is a rechargable power pack which can be used to start a car in
the event of a flat battery. The unit can also be used to power electrical
appliances via a cigarette lighter type socket using the adaptor supplied. The
unit also incorporates a built-in lamp and may be used as a stand alone light
source. An audible warning will sound in the event of low battery voltage, or if
the clamps are incorrectly fitted for jump starting (wrong polarity).
The integral air compressor (JS1100C only) is ideal for pumping up tyres on the
vehicle or a variety of accessories. However, for assured accuracy a
calibrated tyre pressure gauge should always be used.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATIONS
Please note that the details and specifications contained herein, are correct
at the time of going to print. However, CLARKE International reserve the right
to change specifications at any time without prior notice.
Item
Specification
Weight
7.9 kg (JS1100), 8.4 kg(JS1100C)
Insulation Class (Charger)
Class II
Max Output Current
Starting 500A
Peak 1100A
Battery Type
Sealed re-chargeable lead-acid
12V/18Ah
Auxiliary (Lighter) Socket output
12V dc /15A
USB Power Supply
5 V dc - 1.1A
Estimated engine starting capacity
Up to 2.5 litres diesel or
3.0 litres (petrol)
Air Compressor Max output (JS1100C)
17.9 bar (260psi)
Compressor Duty Cycle
50% (10 min on/10 min rest) but not
more than 6 cycles. (after which wait
2 hours before repeating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com