Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9782 Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 9Page - Intel Corporation LXT9782 Datasheet HTML 10Page - Intel Corporation LXT9782 Datasheet HTML 11Page - Intel Corporation LXT9782 Datasheet HTML 12Page - Intel Corporation LXT9782 Datasheet HTML 13Page - Intel Corporation LXT9782 Datasheet HTML 14Page - Intel Corporation LXT9782 Datasheet HTML 15Page - Intel Corporation LXT9782 Datasheet HTML 16Page - Intel Corporation LXT9782 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
13
Table 1.
LXT97x2 Serial MII Signal Descriptions
9762
Pin#
9782 Pin#
Symbol
Type1
Signal Description2, 3
PQFP
PQFP
PBGA
Serial MII Data Interface Pins
59
59
W4
TXD0
I
Transmit Data - Ports 0-7. These serial input streams provide data to be
transmitted to the network. LXT97x2 clocks the data in synchronously to
REFCLK.
54
54
V2
TXD1
37
37
N4
TXD2
17
30
L3
TXD3
822
J2
TXD4
317
G2
TXD5
–
8D4
TXD6
–
3C2
TXD7
60
60
V5
RXD0
O
Receive Data - Ports 0-7. These serial output streams provide data
received from the network. LXT97x2 drives the data out synchronously to
REFCLK.
55
55
W2
RXD1
38
38
P2
RXD2
18
33
M2
RXD3
923
K1
RXD4
418
H2
RXD5
–
9E2
RXD6
–
4C3
RXD7
90
90
W14
SYNC
I
SMII Synchronization. The MAC must generate a SYNC pulse every 10
REFCLK cycles to synchronize the SMII.
92
92
Y15
REFCLK
I
Reference Clock. The LXT97x2 requires a 125 MHz SMII reference clock
input at this pin. Refer to Functional Description for detailed clock
requirements.
MII Control Interface Pins 3
71
71
W8
MDIO
I/O
Management Data Input/Output. Bidirectional serial data channel for
communication between the PHY and MAC or switch ASIC.
84
84
U12
MDINT
OD
Management Data Interrupt. When bit 18.1 = 1, an active Low output on
this pin indicates status change.
70
70
V8
MDC
I
Management Data Clock. Clock for the MDIO serial data channel.
Maximum frequency is 8 MHz.
85
85
Y12
MDDIS
I
Management Disable. When MDDIS is High, the MDIO is disabled from
read and write operations.
When MDDIS is Low at power up or reset, the Hardware Control Interface
pins control only the initial or “default” values of their respective register
bits. After the power-up/reset cycle is complete, bit control reverts to the
MDIO serial channel.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain.
2. Ports 6 and 7 are available only on the LXT9782. These pins are not bonded out on the LXT9762.
3. The LXT97x2 supports the 802.3 MDIO register set. Specific bits in the registers are referenced using an “X.Y” notation,
where X is the register number (0-32) and Y is the bit number (0-15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com