Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9782 Datasheet (PDF) - Intel Corporation

LXT9782 Datasheet PDF - Intel Corporation
Part # LXT9782
Download  LXT9782 Download
File Size   1145.4 Kbytes
Page   78 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII

LXT9782 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXT9782 Datasheet PDF - Intel Corporation

Part # LXT9782
Download  LXT9782 Click to download

File Size   1145.4 Kbytes
Page   78 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII

LXT9782 Datasheet (HTML) - Intel Corporation


LXT9782 Product details

General Description

The LXT9782 is an eight-port PHY Fast Ethernet Transceiver that supports IEEE 802.3 physical layer applications at both 10 and 100 Mbps. The LXT9762 offers the same features and functionality in a six-port device. This data sheet uses the singular designation “LXT97x2” to refer to both devices.



Product Features

■ Multiple independent IEEE 802.3-compliant 10/100 ports with integrated filters

■ Proprietary Optimal Signal Processing (OSP™) design improves SNR by 3 dB over ideal analog filters

■ Robust baseline wander correction for improved 100BASE-TX performance

■ 100BASE-FX fiber-optic capability on all ports

■ Supports both auto-negotiation and legacy systems without auto-negotiation capability

■ JTAG boundary scan

■ Multiple Serial MII (SMII) ports for independent PHY port operation

■ Configurable via MDIO port or external control pins

■ Maskable interrupts

■ Very low power consumption(400 mW per port, typical)

■ 3.3V operation

■ 208-pin PQFP and 272-lead BGA

■ 0-70oC ambient temperature range




Similar Part No. - LXT9782

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LXT9784 INTEL-LXT9784 Datasheet
191Kb / 14P
Transceiver Hardware Integrity Function Overview
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
LXT9785 ETC2-LXT9785 Datasheet
1Mb / 244P
Advanced 8-Port 10/100 Mbps PHY Transceivers
LXT9785E ETC2-LXT9785E Datasheet
1Mb / 244P
Advanced 8-Port 10/100 Mbps PHY Transceivers
More results


Similar Description - LXT9782

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Zarlink Semiconductor I...
MT933 ZARLINK-MT933 Datasheet
360Kb / 20P
3.3V 10/100 Fast Ethernet Transceiver to MII
logo
Intel Corporation
LXT9763 INTEL-LXT9763 Datasheet
1Mb / 74P
Fast Ethernet 10/100 Hex Transceiver with Full MII
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
SMSC Corporation
LAN9313 SMSC-LAN9313 Datasheet
4Mb / 398P
Three Port 10/100 Managed Ethernet Switch with MII
logo
Micrel Semiconductor
KSZ8895MQ-EVAL MICREL-KSZ8895MQ-EVAL Datasheet
2Mb / 118P
Integrated 5-Port 10/100 Managed Ethernet Switch with MII/RMII Interface
logo
Microchip Technology
LAN9313I-NZW MICROCHIP-LAN9313I-NZW Datasheet
312Kb / 9P
Three Port 10/100 Managed Ethernet Switch with MII
Revision 1.9 03-13-12
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com