Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9782 Datasheet(PDF) 21 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 21 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 17Page - Intel Corporation LXT9782 Datasheet HTML 18Page - Intel Corporation LXT9782 Datasheet HTML 19Page - Intel Corporation LXT9782 Datasheet HTML 20Page - Intel Corporation LXT9782 Datasheet HTML 21Page - Intel Corporation LXT9782 Datasheet HTML 22Page - Intel Corporation LXT9782 Datasheet HTML 23Page - Intel Corporation LXT9782 Datasheet HTML 24Page - Intel Corporation LXT9782 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
21
The LXT97x2 provides an individual serial MII (SMII) for each network port. The SMII ports
provide for communication between the Media Access Controllers (MACs) and the network ports.
The SMII bit stuffing protocol is automatically set once the network port operating conditions have
been determined
2.2
Interface Descriptions
2.2.1
10/100 Network Interface
The LXT97x2 supports both 10BASE-T and 100BASE-TX Ethernet over twisted-pair, or 100
Mbps Ethernet over fiber media (100BASE-FX). Each network interface port consists of four
external pins (two differential signal pairs). The pins are shared between twisted-pair (TP) and
fiber. Refer to Table 2 on page 14 for specific pin assignments.
The LXT97x2 output drivers generate either 100BASE-TX, 10BASE-T, or 100BASE-FX PECL
output. When not transmitting data, the LXT97x2 generates 802.3-compliant link pulses or idle
code. Input signals are decoded either as a 100BASE-TX, 100-BASE-FX, or 10BASE-T input,
depending on the mode selected. The interface speed is determined by auto-negotiation/parallel
detection or manual control.
2.2.1.1
Twisted-Pair Interface
When operating at 100 Mbps, the LXT97x2 continuously transmits and receives MLT3 symbols.
When not transmitting data, the LXT97x2 generates “IDLE” symbols.
During 10 Mbps operation, Manchester-encoded data is exchanged. When no data is being
exchanged, the line is left in an idle state.
Figure 5. LXT97x2 Interfaces
LXT97x2
RXDn
TXDn
SYNC
REFCLK
SMII
DATA
I/F
MDDIS
MDC
MDINT
MDIO
MDIO
Mgmt
I/F
LEDS_n
LED/CFGn_n
VCC
LEDLATCH
LEDCLK
H/W Config
Mgmt I/F &
Port LEDs
ADD<4:0>
QSTAT
QCLK
Quick
Status
I/F
TPFOPn
TPFONn
TPFIPn
TPFINn
Network
I/F
RBIAS
22.1k
VCCIO
+3.3V
VCCD
+3.3V
GNDD
.01uF
Serial LED
I/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com