Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT9782 Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT9782
Description  Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT9782 Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT9782 Datasheet HTML 35Page - Intel Corporation LXT9782 Datasheet HTML 36Page - Intel Corporation LXT9782 Datasheet HTML 37Page - Intel Corporation LXT9782 Datasheet HTML 38Page - Intel Corporation LXT9782 Datasheet HTML 39Page - Intel Corporation LXT9782 Datasheet HTML 40Page - Intel Corporation LXT9782 Datasheet HTML 41Page - Intel Corporation LXT9782 Datasheet HTML 42Page - Intel Corporation LXT9782 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII — LXT9762/9782
Datasheet
39
Polarity Correction
The LXT97x2 automatically detects and corrects for receive signal (TPIP/N) inversion. Reversed
polarity is detected if eight inverted link pulses, or four inverted EOF markers, are received
consecutively. If link pulses or data are not received by the maximum receive time-out period, the
polarity converter resets to a non-inverted state.
Fiber PMD Sublayer
The LXT97x2 provides a PECL interface for connection to an external fiber-optic transceiver.
(The external transceiver provides the PMD function for fiber media.) The LXT97x2 uses an
NRZI format for the fiber interface. The fiber interface operates at 100 Mbps and does not support
10FL applications.
Far End Fault Indications
The LXT97x2 Signal Detect pins receive signal fault indications from local fiber transceivers via
the SD pins. The device can also detect far end fault code in the received data stream. The
LXT97x2 “ORs” both fault conditions to set bit 1.4. Bit 1.4 is set once and clears when read.
Either fault condition causes the LXT97x2 to drop the link unless Forced Link Pass is selected
(16.14 = 1). Link down condition is then reported via interrupts and status bits.
In response to locally detected signal faults (SD activated by the local fiber transceiver), the
affected port can transmit the far end fault code if fault code transmission is enabled by bit 16.2.
• When bit 16.2 = 1, transmission of the far end fault code is enabled. The LXT97x2 transmits
far end fault code if fault conditions are detected by the Signal Detect pins.
• When bit 16.2 = 0, the LXT97x2 does not transmit far end fault code. It continues to transmit
idle code and may or may not drop link depending on the setting for bit 16.14.
2.8
10 Mbps Operation
The LXT97x2 operates as a standard 10BASE-T transceiver. Data transmitted by the MAC is
Manchester-encoded, and transmitted on the TPOP/N outputs. Received data is decoded and
passed to the MAC. The LXT97x2 supports all the standard 10 Mbps functions.
During 10BASE-T (10T) operation, the LXT97x2 transmits and receives Manchester-encoded data
across the network link. When the MAC is not actively transmitting data, the LXT97x2 sends out
link pulses on the line.
In 10T mode, the polynomial scrambler/descrambler is inactive. Manchester-encoded signals
received from the network are decoded by the LXT97x2 and sent across the MII to the MAC.
The LXT97x2 does not support fiber connections at 10 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com