Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS4000 Datasheet(PDF) 4 Page - Clarke International

Part # JS4000
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS4000 Datasheet(HTML) 4 Page - Clarke International

  JS4000 Datasheet HTML 1Page - Clarke International JS4000 Datasheet HTML 2Page - Clarke International JS4000 Datasheet HTML 3Page - Clarke International JS4000 Datasheet HTML 4Page - Clarke International JS4000 Datasheet HTML 5Page - Clarke International JS4000 Datasheet HTML 6Page - Clarke International JS4000 Datasheet HTML 7Page - Clarke International JS4000 Datasheet HTML 8Page - Clarke International JS4000 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
18. ALWAYS store the jump-starter out of reach of children.
19. ALWAYS wear safety glasses when working with lead acid batteries.
20. If splashed by battery acid, immediately flush the area of the splash with
clean water. If a burning sensation is felt or any blistering occurs, seek
medical help.
21. If acid comes into contact with the eyes, flush the eyes with clean water
continuously and seek medical help.
ENVIRONMENTAL RECYCLING POLICY
Through purchase of this product, the customer is taking on the
obligation to deal with the WEEE in accordance with the WEEE
regulations in relation to the treatment, recycling & recovery and
environmentally sound disposal of the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing
Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal
facility.
ELECTRICAL SYMBOLS DISPLAYED
The meanings of the safety markings and symbols which may be displayed on
this product are shown below.
Class II appliance without an earth connection
Always read instructions before use
Electrical hazard due to exposed live terminals
Chemical Hazard from battery acid
WARNING: ALL LEAD ACID BATTERIES GENERATE HYDROGEN GAS
DURING NORMAL OPERATION. THIS PROCESS INCREASES DURING A
PERIOD OF RAPID DISCHARGE, SUCH AS WHEN USING FOR JUMP -
STARTING.
WARNING: HYDROGEN GAS AND BATTERY ACID (SULPHURIC ACID) CAN
BE: EXPLOSIVE, CORROSIVE TO SKIN, EYES AND HAIR, DAMAGING TO
CLOTHING AND METALS, FLAMMABLE, POISONOUS TO BREATHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com