Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS4000 Datasheet(PDF) 8 Page - Clarke International

Part # JS4000
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS4000 Datasheet(HTML) 8 Page - Clarke International

Back Button JS4000 Datasheet HTML 4Page - Clarke International JS4000 Datasheet HTML 5Page - Clarke International JS4000 Datasheet HTML 6Page - Clarke International JS4000 Datasheet HTML 7Page - Clarke International JS4000 Datasheet HTML 8Page - Clarke International JS4000 Datasheet HTML 9Page - Clarke International JS4000 Datasheet HTML 10Page - Clarke International JS4000 Datasheet HTML 11Page - Clarke International JS4000 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
needle on the voltage meter to indicate the state of charge of
the battery. Once the charger is disconnected, it will be noted
that the voltage will slowly settle back. This is quite normal and
should not cause alarm. When the LED extinguishes, charging will
automatically stop, indicating that the battery is fully charged.
IMPORTANT: DO NOT allow the needle to enter the RED zone while pressing
the test switch as this could damage the battery.
CHARGING USING THE 12V ADAPTOR
1. Plug the jack plug into the charging socket at the rear of the unit, then into
the cigar lighter socket on the vehicle and start the engine. The red LED on
the jump-start will indicate that charging is in progress.
2. Continue to charge until the “Internal Battery Status” gauge registers ‘OK’
when the ‘TEST’ button is pressed, WITH THE CHARGING CURRENT
DISCONNECTED. i.e. disconnect the cigar lighter adapter from the socket
on the vehicle before pressing the TEST button.
NOTE: We recommend that you use this system only when necessary, as
prolonged use will reduce the life expectancy of the battery, due
to the fact that this method can only charge the battery to
approx. 50% of its capacity.
NOTE: For maximum battery life, we strongly recommend that you
maintain the battery in a fully charged state at all times.
NOTE: If charging does not take place, check the green LED on the
adapter. Ensure all connections are clean and free of grease etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com