Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS4000 Datasheet(PDF) 13 Page - Clarke International

Part # JS4000
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS4000 Datasheet(HTML) 13 Page - Clarke International

Back Button JS4000 Datasheet HTML 8Page - Clarke International JS4000 Datasheet HTML 9Page - Clarke International JS4000 Datasheet HTML 10Page - Clarke International JS4000 Datasheet HTML 11Page - Clarke International JS4000 Datasheet HTML 12Page - Clarke International JS4000 Datasheet HTML 13Page - Clarke International JS4000 Datasheet HTML 14Page - Clarke International JS4000 Datasheet HTML 15Page - Clarke International JS4000 Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT PARTS
No
Description
No
Description
1Housing
13
Cigarette Cable - Negative
2Label
14
Protective Cover
3
Working Light Holder
15
Cigarette Cable - Positive
4Working Light Base
16
Cigarette Cable
5Working Light Bulb
17
Adaptor
6
Working Light Mirror
18
Protector
7Working Light Cover
19
Switch
8
On/off Switch -1
20
PC Board
9
On/off Switch -2
21
Battery (2 x 20Ah)
10
Voltage Meter
22
Rear Housing
11
Connection Cable
23
Battery Retainer
12
F2G Booster Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com