Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS4000 Datasheet(PDF) 2 Page - Clarke International

Part # JS4000
Description  JUMPSTART
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS4000 Datasheet(HTML) 2 Page - Clarke International

  JS4000 Datasheet HTML 1Page - Clarke International JS4000 Datasheet HTML 2Page - Clarke International JS4000 Datasheet HTML 3Page - Clarke International JS4000 Datasheet HTML 4Page - Clarke International JS4000 Datasheet HTML 5Page - Clarke International JS4000 Datasheet HTML 6Page - Clarke International JS4000 Datasheet HTML 7Page - Clarke International JS4000 Datasheet HTML 8Page - Clarke International JS4000 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Jump-start.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATIONS
Please note that the details and specifications contained herein, are correct
at the time of going to print. However, CLARKE International reserve the right
to change specifications at any time without prior notice.
Item
Specification
Weight
17 kg
Dimensions (L x H x D) mm
345 x 390 x 190
Insulation Class
Class II
Max Output Current
Starting 1100A
Peak 2200A
Battery Type
Sealed re-chargeable lead-acid
12V/40AH
Lighter Socket output
12V DC /1.9A for 20 hours
Estimated engine starting capacity Up to 4.0 litres (diesel)
Up to 6.0 litres (petrol)
Working lamp
Screw-in 12V/0.3Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com