Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT20 Datasheet(PDF) 6 Page - LUMEL S.A.

Part # HT20
Description  HUMIDITY MONITOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

HT20 Datasheet(HTML) 6 Page - LUMEL S.A.

  HT20 Datasheet HTML 1Page - LUMEL S.A. HT20 Datasheet HTML 2Page - LUMEL S.A. HT20 Datasheet HTML 3Page - LUMEL S.A. HT20 Datasheet HTML 4Page - LUMEL S.A. HT20 Datasheet HTML 5Page - LUMEL S.A. HT20 Datasheet HTML 6Page - LUMEL S.A. HT20 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.lumel.com.pl
6
HT20, HT20IoT -TEMPERATUREANDHUMIDITYMONITOR
REMOTE READOUT OF PARAMETERS THROUG ETHERNET: WWW SERVER, FTP
alarms and archive programming
eg of email of cyclic measurements - sent at a specified time period
eg of mail alert - temperature exceeding
ORDERING
Temperature and humidity monitor HT20 - X
X
XX
X
X
Supply*:
6 V d.c.
1
6 V d.c. , PoE IEEE 802.3af
2
Accessories:
none
0
adapter 6 V d.c.
1
Version:
standard
00
custom-made**
XX
Language:
Polish
P
English
E
other**
X
Acceptance tests:
without additional quality requirements
0
with an extra quality inspection certificate
1
acc.to customer’s request
X
Order example:
Code: HT20-2-1-00-E-1 means:
HT20 - HT20 monitor
2 - supply: PoE IEEE 802.3af and 6 V d.c.
1 - with attached AC 6 V d.c. adapter included
00 - standard version
E - user's manual in English
0 - without additional quality requirements
* - Monitors in version HT20 1XXXXX require an external power supply 6 V d.c., in version
HT20 2XXXXX they can be powered either from Ethernet PoE (Power over Ethernet), as well
as from the external power supply 6 V, D.C.
** - after agreeing with the manufacturer



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com