Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT20 Datasheet(PDF) 4 Page - LUMEL S.A.

Part # HT20
Description  HUMIDITY MONITOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

HT20 Datasheet(HTML) 4 Page - LUMEL S.A.

  HT20 Datasheet HTML 1Page - LUMEL S.A. HT20 Datasheet HTML 2Page - LUMEL S.A. HT20 Datasheet HTML 3Page - LUMEL S.A. HT20 Datasheet HTML 4Page - LUMEL S.A. HT20 Datasheet HTML 5Page - LUMEL S.A. HT20 Datasheet HTML 6Page - LUMEL S.A. HT20 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.lumel.com.pl
4
HT20, HT20IoT -TEMPERATUREANDHUMIDITYMONITOR
RATED OPERATING CONDITIONS
Supply voltage
6 V d.c.
or PoE IEEE 802.3af
Power concumption
< 2 VA
Preheating time
15 minutes
Ambient temperature
– 20...23...60 °C
Relative humidity
< 95%
Protection grade ensured by housing
IP 20
Fixing way
on a wall
Weight
<0.3 kg
Dimensions (W x H x D)
150(W)x100(H)x30(D)mm
Operating position
sensor down
SAFETY AND COMPATIBILITY REQUIREMENTS
Electromagnetic compatibility
Noise immunity
acc. to EN 61000-6-2
Noise emissions
acc. to EN 61000-6-4
Pollution grade
2
acc. to EN 61010-1
Installation category
III
acc. to EN 61010-1
Maximal phase-to-earth operating voltage
50V
acc. to EN 61010-1
Altitude above sea level
< 2000 m
PARAMETERS OF DC ADAPTER (OPTION):
Voltage
6 V d.c. ± 5%
Max. power
6W*
Input voltage
90...253 V a.c.
Operating temperature
0...40 oC*
External dimensions
63.6 x 29.5 x 45.6 mm*
Cable length
1.4 m ± 10%*
Plug
ɸ 5.5 / 2.1 mm
* adapter parameters can be changed
BASIC PARAMETERS
Relative humidity (RH)
0...95 % condensation inadmissible
Basic error of humidity processing
±3% of the range for RH = 10...90% ; ±5% in other range
Hysteresis of humidity measurement
± 1% RH
Basic range of temperature measurement (T)
– 20...60 °C
Basic error of temperature processing
±0.6 oC in range 10...40 °C; ±1.0 °C in other range
Calculated values
absolute humidity (a) [g/m3]
dew point temperature (Td)  [°C]
DIGITAL INTERFACE
Interface type
Transmission protocoll
Remarks
Ethernet 10/100 Base-T
MQTT (HT20IoT)
Modbus TCP, HTTP, FTP
max. number of simultaneous connections - 10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com