Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT20 Datasheet(PDF) 7 Page - LUMEL S.A.

Part # HT20
Description  HUMIDITY MONITOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

HT20 Datasheet(HTML) 7 Page - LUMEL S.A.

  HT20 Datasheet HTML 1Page - LUMEL S.A. HT20 Datasheet HTML 2Page - LUMEL S.A. HT20 Datasheet HTML 3Page - LUMEL S.A. HT20 Datasheet HTML 4Page - LUMEL S.A. HT20 Datasheet HTML 5Page - LUMEL S.A. HT20 Datasheet HTML 6Page - LUMEL S.A. HT20 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.lumel.com.pl
7
For more information about Lumel products
please visit our website:
www.lumel.com.pl
Join us at Facebook!
HT20-19_en
ORDERING
Temperature and humidity monitor HT20IoT - X
X
MQ
X
X
Supply*:
6 V d.c.
1
6 V d.c. , PoE IEEE 802.3af
2
Accessories:
none
0
adapter 6 V d.c.
1
Version:
MQTT
MQ
Language:
Polish
P
English
E
other**
X
Acceptance tests:
without additional quality requirements
0
with an extra quality inspection certificate
1
acc.to customer’s request
X
Order example:
Code: HT20IoT-2-1-MQ-E-1 means:
HT20IoT - HT20IoT monitor
2 - supply: PoE IEEE 802.3af and 6 V d.c.
1 - with attached AC 6 V d.c. adapter included
MQ - MQTT version
E - user's manual in English
0 - without additional quality requirements
HT20, HT20IoT -TEMPERATUREANDHUMIDITYMONITOR
ACCESORIES:
Accessory
View
Ordering code
Technical data
6 VDC adapter
20-072-00-00094
Voltage: 6 V d.c. ± 5%
Max. power: 6W*
Input voltage: 90...253 V a.c.
Operating temperature: 0...40oC*
External dimensions: 63.6 x 29.5 x 45.6 mm*
Cable lenght: 1,4 m ± 10%*
Plug:
ɸ5,5 / 2,1 mm
* adapter parameters can be changed
PoE adapter
20-090-00-00022
Input voltage: 100 – 240 VAC
Input frequency: 47 – 63 Hz
Power consumption: 0.35 A max. for 240 VAC
Output voltage: 48 VDC
Output power: 15.4 W
Operating temperature: 0 – 40 ºC
External dimensions: 140 x 65 x 36 mm
Weight: 0.2 kg
conductor for PoE adapter
20-069-00-00146
Cable lenght: 1.8 m
*-MonitorsinversionHT20IoT1XMQXXrequireanexternalpowersupply6Vd.c., inversion
HT20IoT 2XXXXX they can be powered either from Ethernet PoE (Power over Ethernet), as
well as from the external power supply 6 V, D.C.
Export department:
tel.: (+48 68) 45 75 139, 45 75 233, 45 75 321, 45 75 386
fax.: (+48 68) 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4, 65-127 Zielona Góra, POLAND
tel.: +48 68 45 75 100, fax +48 68 45 75 508
www.lumel.com.pl
** - after agreeing with the manufacturer



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com