Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT20 Datasheet(PDF) 3 Page - LUMEL S.A.

Part # HT20
Description  HUMIDITY MONITOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

HT20 Datasheet(HTML) 3 Page - LUMEL S.A.

  HT20 Datasheet HTML 1Page - LUMEL S.A. HT20 Datasheet HTML 2Page - LUMEL S.A. HT20 Datasheet HTML 3Page - LUMEL S.A. HT20 Datasheet HTML 4Page - LUMEL S.A. HT20 Datasheet HTML 5Page - LUMEL S.A. HT20 Datasheet HTML 6Page - LUMEL S.A. HT20 Datasheet HTML 7Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.lumel.com.pl
3
WHAT PARAMETERS CAN BE MEASURED BY HT20?
HT20, HT20IoT -TEMPERATUREANDHUMIDITYMONITOR
FEATURES
oC
Ethernet
INPUTS
OUTPUT
RTC
WEB
server
FTP
server
SMTP
client
@
• temperature,
• relativehumidity,
• dewpoint,
• absolute humidity or the total mass of water vapour (in grams) present in 1m3
ofairinagiventemperature,
• wet-bulbtemperature,
• vapour pressure or the pressure at which, in a given temperature, the gas is at an
equilibriumwiththefluid(equilibriumbetweenevaporationandcondensation),
• enthlapy(totalheatcontent).
HOW DOES HT20 WORK IN CASE THE PRE-SET
PARAMETERS ARE EXCEEDED?
The HT20 allows up to two defined warnings. Whenever the pre-set parameters are
exceeded,theHT20willimmediatelysignalthisvia:
• emails,
• messagesonadedicatedwebsite,
• specialsymbolsonthedisplay,
• audiblealerts.
Therefore, every time the HT20 is connected to the Internet, you will always have
themostup-to-dateinformationontheactualconditionofthemonitoredfacility.
The HT20 is equipped with the Ethernet interface enabling its connection
to the local or global network (either LAN orWAN).Thanks to the user-friendly
and intuitive ‘www’ server, you will always have access to the information
regarding:
• currentmeasurementvalues,
• devicestatus.
The‘www’servercallalsoallowyouto:
• configureit
• readtheserialnumber,manufacturingcode,softwareversionandbootloader
version.
The built-in FTP server allows for fast and easy access to archive data files
from the level of web browser or from other FTP clients. The DHCP protocol
provides automatic configuration of the monitor in the computer network,
whereas the SMTP protocol is responsible for sending the warnings via emails.
The HT20 monitor can also work in more extensive systems where
the communication protocol Modbus Slave TCP/IP provides a smooth
and reliable reading of all current measurement data.
ETHERNET INTERFACE AND ITS FUNCTIONALITY
MEASUREMENTS ARCHIVE
Thanks to the dedicated website, you can also check the archive data using
a smartphone, tablet or a PC. There is no need to be worried about insuffi-
cient memory on the device; the HT20 has an 8GB internal file system memory
where the data form the internal memory buffer (4GB) is automatically
recorded as files. The memory has a form of a circular buffer and after
the storage is full, the oldest files are overwritten. The internal archive can be
read, copied and/or deleted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com