Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2259 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2259
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2259 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2259 Datasheet HTML 13Page - SMSC Corporation USB2259 Datasheet HTML 14Page - SMSC Corporation USB2259 Datasheet HTML 15Page - SMSC Corporation USB2259 Datasheet HTML 16Page - SMSC Corporation USB2259 Datasheet HTML 17Page - SMSC Corporation USB2259 Datasheet HTML 18Page - SMSC Corporation USB2259 Datasheet HTML 19Page - SMSC Corporation USB2259 Datasheet HTML 20Page - SMSC Corporation USB2259 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2250/51/59
17
Revision 2.6 (05-08-08)
DATASHEET
SM Chip
Enable
SM_nCE
54
O12PU
This pin is the active low chip enable signal to the
SM device.
When using the internal FET, this pin has an
internal weak pull-up resistor that is tied to the
output of the internal Power FET, and is controlled
by the SM_PU bit of the SMC_CTL register.
If an external FET is used (Internal FET is
disabled), then the internal pull-up is not available
(external pull-ups must be used).
SM Card
Detection
GPIO
SM_nCD
(GPIO14)
57
I/O12
This is a GPIO designated as the Smart Media
card detection pin.
MEMORY STICK INTERFACE
MS Bus State
MS_BS
91
O12
This pin is connected to the BS pin of the MS
device.
It is used to control the Bus States 0, 1, 2 and 3
(BS0, BS1, BS2 and BS3) of the MS device.
MS Card
Insertion GPIO
MS_INS
(GPIO12)
98
IPU
This is a GPIO designated as the Memory Stick
card detection pin.
MS System
CLK
MS_SCLK
101
O12
This pin is an output clock signal to the MS
device.
The clock frequency is software configurable.
MS System
Data In/Out
MS_D[7:1]
100
97
93
95
99
96
92
I/O12PD
MS_D[7:0]: These pins are the bi-directional data
signal for the MS device. MS_D2 and MS_D3
have weak pull-down resistors. MS_D1 has a pull
down resistor if in parallel mode, otherwise it is
disabled. In 4 or 8 bit parallel mode, there is a
weak pull-down resistor on all MS_D7~0 signals.
The resistors are controlled by MSC_SYSTEM_0,
MSC_MODE_CTL and MSC_PRO_HG registers.
MS System
Data In/Out
MS_D0 /
MS_SDIO
94
I/O12PD
MS_D0: This pin is one of the bi-directional data
signals for the MS device. In serial mode, the
most significant bit (MSB) of each byte is
transmitted first by either MSC or MS device on
MS_D0. MS_D0, MS_D2, and MS_D3 have weak
pull-down resistors. MS_D1 has a pull down
resistor if in parallel mode, otherwise it is disabled.
In 4 or 8 bit parallel mode, there is a weak pull-
down resistor on all MS_D7~0 signals. The
resistors are controlled by MSC_SYSTEM_0,
MSC_MODE_CTL and MSC_PRO_HG registers.
MS_SDIO: Serial Data Bus. Transfer direction and
types of data change depending on the Bus State.
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions (continued)
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com