Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2259 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB2259
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2259 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB2259 Datasheet HTML 28Page - SMSC Corporation USB2259 Datasheet HTML 29Page - SMSC Corporation USB2259 Datasheet HTML 30Page - SMSC Corporation USB2259 Datasheet HTML 31Page - SMSC Corporation USB2259 Datasheet HTML 32Page - SMSC Corporation USB2259 Datasheet HTML 33Page - SMSC Corporation USB2259 Datasheet HTML 34Page - SMSC Corporation USB2259 Datasheet HTML 35Page - SMSC Corporation USB2259 Datasheet HTML 36Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Chapter 9 Package Outline
Figure 9.1 USB2250/51/59 128-Pin VTQFP, 14x14x1.0mm Body, 2.0mm Pitch
-
SEE SPECF RONT PAGE FORREVI SIONHISTORY
--
NO TES:
1. AL L DIM ENSIONS ARE IN MILLIME TE R.
2. TRUE POSITION S PREAD TOLE RA NCE OF EACH LEA D IS ± 0.035m m MAXIMUM.
3. DIMENSIONS "D1" A ND " E1" DO NOT INCL UDE M OLD PROTRUSIONS. M AX IMUM A LLOWED
P ROTRUSIO N IS 0.25 mm PER SIDE .
4 . DIME NSION "L" IS MEAS URED AT THE GA UGE PLA NE, 0 .25 mm A BOVE TH E SEATING PLANE.
5 . DETA IL S ON P IN 1 IDENTIFIER ARE OPTIONA L BUT MUST BE LOCA TED WITHIN TH E ZONE
INDICATE D.
TOP VIEW
E1/4
D
D1
E1
e
3
D1/4
5
STD COMPLIANCE
INTERPRET DIM ANDT OL PER
ASMEY14.5 M- 1994
DWG NUMBER
PRINT WITH "SCALE TO FIT"
DO NOT SCALEDRAWING
MATERIAL
FINISH
APPROVED
CHECKED
DRAWN
SCALESHEET
REV
80 ARKAY DRIVE
HAUPPAUGE, NY 11788
USA
ANGULAR
UNLESS OT HERWISESPECIFIED
DIMENSIONS ARE INMILLIMETERS
AND TOLERANCESARE:
DECIMAL
X.X
X.XX
X.XXX
THI RD ANGLE PROJECT ION
NAME
DATE
TITLE
REVISION
DATE
DESCRIPTION
R EVISION HISTORY
REL EASED BY
JE DEC: MS -026 (D)
PACKAGE OUTLINE
1:1
-
-
S. K. ILI EV
S. K. ILI EV
S. K. ILI EV
12/17/04
12/17/04
12/17/04
128 VTQFP-14x14x1.0mm BODY-0.4mm PITCH
MO-128-VTQFP-14x14x1.0
1 OF 1
C
±1°
±0.1
±0.05
±0.025
0.25
R1
R2
GAUGE PLANE
0°-7°
4
DETAIL "A"
b
E
2
3
SEE DETAIL "A"
SIDE VIEW
A2
c
A1
ccc C
A
SEATING PLANE
C
L
L1
3-D VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com