Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2259 Datasheet(PDF) 21 Page - SMSC Corporation

Part # USB2259
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2259 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button USB2259 Datasheet HTML 17Page - SMSC Corporation USB2259 Datasheet HTML 18Page - SMSC Corporation USB2259 Datasheet HTML 19Page - SMSC Corporation USB2259 Datasheet HTML 20Page - SMSC Corporation USB2259 Datasheet HTML 21Page - SMSC Corporation USB2259 Datasheet HTML 22Page - SMSC Corporation USB2259 Datasheet HTML 23Page - SMSC Corporation USB2259 Datasheet HTML 24Page - SMSC Corporation USB2259 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
Datasheet
SMSC USB2250/51/59
21
Revision 2.6 (05-08-08)
DATASHEET
Notes:
1. Hot-insertion capable card connectors are required for all flash media. It is required for the SD
connector to have a Write Protect switch. This allows the chip to detect the MMC card.
2. nMCE is normally asserted except when the 8051 is in standby mode.
3. Refer to PWR_MGMT_CTL1 register for controlling pull-up / down resistors associated with the
pins as well as the individual card control registers.
RESET Input
nRESET
64
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be at
least 1
μs wide.
TEST Input
TEST
103
I
This signal is used for testing the chip. User
should normally tie this pin low externally, if the
test function is not used.
Regulator
Enable
REG_EN
6
IPU
This signal is used to enable the internal 1.8V
regulator.
ANALOG / DIGITAL POWER, and GROUND
1.8V Digital
Core Power
VDD18
49
All VDD18 pins must be connected together on
the circuit board.
+1.8V Core power. If the internal regulator is
enabled, then this pin must have a 1.0
μF (or
greater) ±20% (ESR <0.1
Ω) capacitor to VSS.
3.3V Power &
Voltage
Regulator
Input
VDD33
15
50
65
77
104
3.3V Power & Voltage Regulator Input
1.8V PLL
Power
VDD18PLL
125
This pin is the 1.8V Power for the PLL.
If the internal regulator is enabled, then this pin
must have a 1.0
μF (or greater) ±20% (ESR
<0.1
Ω) capacitor to VSS.
3.3V Analog
Power
VDDA33
128
3.3V Analog Power
Ground
VSS
9
17
51
75
81
102
122
126
Ground Reference
Table 5.1 USB2250/51/59 128-Pin VTQFP Pin Descriptions (continued)
NAME
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com