Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2259 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2259
Description  Ultra Fast USB 2.0 Multi-Format Flash Media Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2259 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2259 Datasheet HTML 1Page - SMSC Corporation USB2259 Datasheet HTML 2Page - SMSC Corporation USB2259 Datasheet HTML 3Page - SMSC Corporation USB2259 Datasheet HTML 4Page - SMSC Corporation USB2259 Datasheet HTML 5Page - SMSC Corporation USB2259 Datasheet HTML 6Page - SMSC Corporation USB2259 Datasheet HTML 7Page - SMSC Corporation USB2259 Datasheet HTML 8Page - SMSC Corporation USB2259 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SMSC USB2250/51/59
DATASHEET
Revision 2.6 (05-08-08)
Datasheet
PRODUCT FEATURES
USB2250/51/59
Ultra Fast USB 2.0 Multi-Format
Flash Media Controller
General Description
The SMSC USB2250/51/59 is a USB 2.0 compliant, high
speed Mass Storage Class Peripheral Controller intended for
reading and writing to more than 24 popular flash media
formats from the CompactFlash® (CF), SmartMediaTM (SM),
xD Picture CardTM (xD)1, Memory StickTM (MS), Secure
Digital (SD), and MultiMediaCardTM (MMC) families.
The SMSC USB2250/51/59 is a fully integrated, single chip
solution capable of ultra high performance operation.
Average sustained transfer rates exceeding 35MB/s are
possible if the media and host can support those rates.
General Features
128-pin VTQFP lead-free RoHS compliant package
Targeted for applications in which single or "combo"
media sockets are used. Supports multiple simultaneous
card insertions
Flexible assignment of number of LUNs and how card
types are associated with the LUNs
Hardware-controlled data flow architecture for all self-
mapped media
Pipelined hardware support for access to non-self-
mapped media
Hardware Features
Single Chip Flash Media Controller with non-multiplexed
interface for independent card sockets
Flash Media Specification Revision Compliance
— Compact Flash Specification 4.1
–
CF UDMA Modes 0-4
–
CF PIO Modes 0-6
— Memory Stick Specification 1.43
— Memory Stick Pro Format Specification 1.02
— Memory Stick Pro-HG Duo Format Specification 1.01
–
Memory Stick, MS Duo, HS-MS, MS Pro-HG, MS Pro
— xD Picture Card 1.2
— Smart Media Specification 1.3
— Secure Digital 2.0
–
HS-SD, HC-SD, TransFlash™ and reduced form factor
media
— MultiMediaCard Specification 4.2
–
1/4/8 bit MMC
SDIO and MMC Streaming Mode support
Extended configuration options
— xD player mode operation
— Socket switch polarities, etc.
Media Activity LED
GPIO configuration and polarity
— Up to 11 GPIOs (based on configuration) for special
function use: LED indicators, button inputs, power
control to memory devices, etc.
— Four GPIO’s with up to 200 mA drive.
— An additional 16 GPIO’s if CF is not used.
On Board 24MHz Crystal Driver Circuit
Optional external 24MHz clock input
4 Independent Internal Card Power FETs
— 200mA each
— "Fold-back" short circuit current protected
8051 8-bit microprocessor
— 60MHz - single cycle execution
— 64KB ROM2; 14KB RAM
Internal Regulator for 1.8V core operation
Optimized pinout improves signal routing, easing
implementation and allowing for improved signal integrity.
OEM Selectable
Features
VID/PID/Language ID
28-character Manufacturer ID and Product string
12-hex digit (max) Serial Number string
Customizable Vendor specific data by optional use of
external serial EEPROM
Bus- or Self-powered selection
LED blink interval or duration
Internal power FET configuration
Software Features
Optimized for low latency interrupt handling
Reduced memory footprint
Device Firmware Upgrade (DFU) support of external
EEPROM or External Flash
— Assembly line support
— End user field upgrade support
— DFU Package consists of driver, firmware, sample DFU
application and source code, DFU driver API
Optional (Mandatory on the USB2259) custom firmware
with external ROM (up to 128k)
Please see the USB2250/USB2251 Software Release
Notes for additional Software Features
Applications
Flash Media Card Reader/Writer
Printers
Desktop and Mobile PCs
Consumer A/V
Media Players/Viewers
Vista ReadyBoostTM
1.) xD Picture Card not applicable to USB2251
2.USB2259 uses external ROM only, internal ROM unavailable


Similar Part No. - USB2259

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB2250I MICROCHIP-USB2250I Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB2251 MICROCHIP-USB2251 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB2251I MICROCHIP-USB2251I Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
More results

Similar Description - USB2259

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
Ultra Fast USB 2.0 Multi-Format, SD/MMC and MS Flash Media Controllers
Revision 2.1 02-07-13
USB2240 MICROCHIP-USB2240 Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format
01/27/15
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
USB224X MICROCHIP-USB224X Datasheet
795Kb / 43P
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
USB2640 MICROCHIP-USB2640 Datasheet
691Kb / 60P
Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com