Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1005 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1005
Description  Analog Switc
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1005 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1005 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO1005• Rev. 1.2
Electrical Characteristics
All typical value are at VCC=4.3V, GND=0V, V
Symbol
Parameter
Analog Switch Characteristics
RON
On-Resistance
V
ICOM
∆RON
On-ResistanceMatch
Between Channels
V
ICOM
RFLAT(ON)
On-Resistance Flatness
V
ICOM
INC(OFF),
INO(OFF)
Source OFF Leakage
Current
V
V
INC(ON),
INO(ON)
ICOM(ON)
Channel ON Leakage
Current
V
floating
Digital Inputs
VINH
Input High Voltage
VINL
Input Low Voltage
IIN
Input Leakage Current
V
Dynamic Characteristics
tON
Turn-On Time
V
C
V
tOFF
Turn-Off Time
V
C
V
tD
Break-Before-Make
Time Delay
V
C
V
OISO
Off Isolation
V
Signal=0dBm
XTALK
Channel-to-Channel
Crosstalk
V
Signal=0dBm
BW
-3dB Bandwidth
V
THD
Total Harmonic Distortion
f=20Hz to 20kHz,
RL=32Ω, V
Q
Charge Injection Select
Input to Common I/O
V
CON
Channel on Capacitance
DIO1005
DIOO MICROCIRCUITS CO., LTD
Electrical Characteristics
V, GND=0V, VIH=1.6V, VIL=0.5V, TA=25°C unless otherwise specified.
Conditions
VCC/V
Temp
Min
VNO, VNC, or VCOM=1V,
COM= -100mA
4.3
+25°C
-40 to 85°C
VNO, VNC or VCOM=1V,
COM= -100mA
4.3
+25°C
-40 to 85°C
VNO, VNC or VCOM=1V, 2.5V
COM= -100mA
4.3
+25°C
-40 to 85°C
VNO, VNC=3.3V, 0.3V
VCOM= 0.3V/3.3V
4.3
-40 to 85°C
VNO, VNC=3.3V, 0.3V or
floating VCOM= 0.3V/3.3V
4.3
-40 to 85°C
-40 to 85°C
1.6
-40 to 85°C
VCC=4.3V, VIN=0V, or 4.2V
-40 to 85°C
VIN=2.1V to 0V, RL=50 Ω,
CL=35pF, VNO1 or VNO2 or
VNC2=2.1V,
+25°C
VIN=2.1V to 0V, RL=50 Ω,
CL=35pF, VNO1 or VNO2 or
VNC2=2.1V,
+25°C
VIN=2.1V to 0V, RL=50 Ω,
CL=35pF, VNO1 or VNO2 or
VNC2=2.1V,
+25°C
VBIAS=2.1V,
Signal=0dBm
100kHz
+25°C
1MHz
VBIAS=2.1V,
Signal=0dBm
100kHz
+25°C
1MHz
VBIAS=2.1V, Signal=0dBm
+25°C
f=20Hz to 20kHz,
RL=32Ω, VSW=1VPP
+25°C
VG=0V, RS=0 Ω, CL=1.0nF
+25°C
+25°C
Min
Typ
Max
Unit
0.75
0.85
Ω
0.95
Ω
0.03
0.15
Ω
0.20
Ω
0.15
0.23
Ω
0.30
Ω
50
nA
50
nA
1.6
V
0.5
V
1
µA
25
ns
35
ns
45
ns
-78
dB
-58
-100
dB
-75
75
MHz
0.02
%
4.0
pC
106
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com