Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1005 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1005
Description  Analog Switc
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1005 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1005 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO1005• Rev. 1.2
DIO1005
Ultra Low On-Resistance Dual, SPDT Analog Switc
Features
Switch Type: SPDT(2X)
Voltage Operation: 1.8V to 4.3V
Ultra-Low On Resistance: 0.75Ω @
-3dB Bandwidth: 75MHz
High Off-isolation: -78dB@100kHz
Low Crosstalk: -100dB@100kHz
Excellent On Resistance Matching
Low Total Harmonic Distortion
Rail-to-Rail Input and Output Operation
Break-Before-Make Switching
Green Packaged:DFN3*3-10 and MSOP
8kV HBM ESD
Applications
Cell-Phone/PDA
MP3/MP4/PMP
Portable Instrumentation
Battery Powered Communications
Computer Peripherals
Ordering Information
Order Part
Number
Top Marking
DIO1005DN10
D1005
DIO1005MP10
DIO1005
DIOO MICROCIRCUITS CO., LTD
Resistance Dual, SPDT Analog Switc
V
Ω @ +4.3V
78dB@100kHz
100dB@100kHz
Excellent On Resistance Matching: 0.03Ω
Low Total Harmonic Distortion (THD)
Rail Input and Output Operation
10 and MSOP-10
Battery Powered Communications
Descriptions
The DIO1005 is a dual Single
(SPDT) analog switch. DIO
single 1.8V to 4.3V supply and features an
ultra-low on resistance of
and TA = 25°C. This device is
sub-micron CMOS technology to achieve fast
switching
speeds
and
is
designed
for
break-before-make operation.
DIO1005
guarantees
matching
between
switches,
on
flatness over the signal range, high off
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
signals. DIO1005 consists of two normally open
and two normally close switches.
DIO1005
provides
packages
with
Green
DFN3*3-10 and MSOP-10.
Block Diagram
TA
Green
-40 to +85°C
DFN-10
Green
-40 to +85°C
MSOP-10
NO1
NC1
Vcc
COM1
IN1
1
2
3
4
5
Rev 1.2
Resistance Dual, SPDT Analog Switch
s
Single-Pole, Double-Throw
PDT) analog switch. DIO1005 operates from a
V supply and features an
low on resistance of 0.75Ω at a +4.3V supply
°C. This device is fabricated with
micron CMOS technology to achieve fast
switching
speeds
and
is
designed
for
make operation.
0.03Ω
on-resistance
matching
between
switches,
on-resistance
flatness over the signal range, high off-isolation
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
consists of two normally open
ormally close switches.
provides
packages
with
Green
.
Package
Tape & Reel, 5000
Tape & Reel, 3000
NC2
IN2
COM2
GND
NO2
6
7
8
9
10


Similar Part No. - DIO1005

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1159B DIOO-DIO1159B Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BCN6 DIOO-DIO1159BCN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BFN6 DIOO-DIO1159BFN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BMN6 DIOO-DIO1159BMN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BQN6 DIOO-DIO1159BQN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
More results

Similar Description - DIO1005

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
List of Unclassifed Man...
RLXA2510 ETC-RLXA2510 Datasheet
85Kb / 4P
Analog Interpolators
NW701 ETC1-NW701 Datasheet
789Kb / 2P
Digital to Analog Analog to Digital
logo
Renesas Technology Corp
RJK4512DPE RENESAS-RJK4512DPE Datasheet
75Kb / 4P
Silicon N Channel MOS FET High Speed Power Switc
logo
ASM GmbH
3030-10 ASM-SENSOR-3030-10 Datasheet
336Kb / 2P
ANALOG MULTIMETER
logo
First Components Intern...
LL4148 FCI-LL4148 Datasheet
94Kb / 1P
High S peed Switc hing Diode 500mW Surface Mounted P L AN A R P R OC E S S
logo
ASM GmbH
WB61 ASM-SENSOR-WB61 Datasheet
1,020Kb / 17P
Analog Output
logo
Keysight Technologies
N9063A KEYSIGHT-N9063A Datasheet
7Mb / 16P
Analog Demodulation
logo
Advantech Co., Ltd.
EKI-2728-BE ADVANTECH-EKI-2728-BE Datasheet
216Kb / 1P
8-port Gigabit Unmanaged Industrial Ethernet Switc
logo
List of Unclassifed Man...
88982213 ETC2-88982213 Datasheet
754Kb / 5P
Analog expansions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com