Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1005 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1005 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1005
Download  DIO1005 Download
File Size   501.89 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switc

DIO1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1005 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1005
Download  DIO1005 Click to download

File Size   501.89 Kbytes
Page   11 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Analog Switc

DIO1005 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1005 Product details

Features
 Switch Type: SPDT(2X)
 Voltage Operation: 1.8V to 4.3V
 Ultra-Low On Resistance: 0.75Ω @
 -3dB Bandwidth: 75MHz
 High Off-isolation: -78dB@100kHz
 Low Crosstalk: -100dB@100kHz
 Excellent On Resistance Matching
 Low Total Harmonic Distortion
 Rail-to-Rail Input and Output Operation
 Break-Before-Make Switching
 Green Packaged:DFN3*3-10 and MSOP
 8kV HBM ESD
Applications
 Cell-Phone/PDA
 MP3/MP4/PMP
 Portable Instrumentation
 Battery Powered Communications
 Computer Peripherals
V
Ω +4.3V
Matching: 0.03Ω
(THD)
MSOP-10
Descriptions
The DIO1005 is a dual Single
(SPDT) analog switch. DIO
single 1.8V to 4.3V supply and features an
ultra-low on resistance of
and TA = 25°C. This device is
sub-micron CMOS technology to achieve fast
switching speeds and is designed for
break-before-make operation.
DIO1005 guarantees
matching between switches, on
flatness over the signal range, high off
and low crosstalk, which ensures excellent
linearity and low distortion when switching audio
signals. DIO1005 consists of two normally open
and two normally close switches.
DIO1005 provides packages with Green
DFN3*3-10 and MSOP-10.
s
Single-Pole, Double-Throw
PDT) DIO1005 operates from a
V 0.75Ω at a +4.3V supply
°fabricated with
0.03Ω on-resistance
on-resistance
off-isolation
ormally .




Similar Part No. - DIO1005

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1159B DIOO-DIO1159B Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BCN6 DIOO-DIO1159BCN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BFN6 DIOO-DIO1159BFN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BMN6 DIOO-DIO1159BMN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
DIO1159BQN6 DIOO-DIO1159BQN6 Datasheet
1Mb / 15P
Analog Switch
Rev 1.6
More results


Similar Description - DIO1005

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
Analog Switch
logo
List of Unclassifed Man...
RLXA2510 ETC-RLXA2510 Datasheet
85Kb / 4P
Analog Interpolators
NW701 ETC1-NW701 Datasheet
789Kb / 2P
Digital to Analog Analog to Digital
logo
Renesas Technology Corp
RJK4512DPE RENESAS-RJK4512DPE Datasheet
75Kb / 4P
Silicon N Channel MOS FET High Speed Power Switc
logo
ASM GmbH
3030-10 ASM-SENSOR-3030-10 Datasheet
336Kb / 2P
ANALOG MULTIMETER
logo
First Components Intern...
LL4148 FCI-LL4148 Datasheet
94Kb / 1P
High S peed Switc hing Diode 500mW Surface Mounted P L AN A R P R OC E S S
logo
ASM GmbH
WB61 ASM-SENSOR-WB61 Datasheet
1,020Kb / 17P
Analog Output
logo
Keysight Technologies
N9063A KEYSIGHT-N9063A Datasheet
7Mb / 16P
Analog Demodulation
logo
Advantech Co., Ltd.
EKI-2728-BE ADVANTECH-EKI-2728-BE Datasheet
216Kb / 1P
8-port Gigabit Unmanaged Industrial Ethernet Switc
logo
List of Unclassifed Man...
88982213 ETC2-88982213 Datasheet
754Kb / 5P
Analog expansions
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com