Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1005 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1005
Description  Analog Switc
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1005 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1005 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1005 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.dioo.com
© 2016 DIOO MICROCIRCUITS CO., LTD
DIO1005• Rev. 1.2
Electrical Characteristics
All typical value are at VCC=4.3V, GND=0V, V
Symbol
Parameter
Power Requirements
VCC
Power Supply Range
ICC
Quiescent Supply
Current
VIN=0V or V
ICCT
Increase in ICC per
Input
Input at 2.6V
Input at 1.8V
DIO1005
DIOO MICROCIRCUITS CO., LTD
Electrical Characteristics
V, GND=0V, VIH=1.6V, VIL=0.5V, TA=25°C unless otherwise specified.
Conditions
VCC/V
Temp
Min
-40 to 85°C
1.8
=0V or VCC
4.3
-40 to 85°C
Input at 2.6V
4.3
-40 to 85°C
Input at 1.8V
Min
Typ
Max
Unit
1.8
4.3
V
500
nA
5
µA
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com