Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1567 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1567
Description  SIM Card Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1567 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1567 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DIO1567
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1567• Rev. 2.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
5.25
V
VS
Switch Voltage
-0.5
VCC+0.3
V
VIN
Control input voltage (SEL)
-0.5
5.25
V
IIK
DC input Diode current
-50
mA
IOUT
DC output current (DAT, CLK, RST, SIM)
400
mA
IPeak
Peak current(pulsed at 1ms,10% duty cycle)
500
mA
PD
Continuous Power Dissipation(TA=85°C)
(15.6mW/°C above 85°C)
1.25
W
TSTG
Storage Temperature Range
-65
150
°C
TJ
Junction Temperature
150
°C
Lead Temperature(soldering 10s)
260
°C
ESD
HBM, JEDEC: JESD22-A114
6
kV
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding them
or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
1.6
4.5
V
VIN
Control input voltage (SEL)
0
VCC
V
VS
Switch I/O voltage
0
VCC
V
IOUT
DC output current (DAT, CLK, RST)
50
mA
ISIM
DC output current (SIM)
150
mA
TA
Operating Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com