Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1567 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1567
Description  SIM Card Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1567 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1567 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DIO1567
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1567• Rev. 2.1
DC Electrical Characteristics
All typical value is at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC
(V)
Temp.
Min.
Typ.
Max. Unit
VIH
Input voltage high
4.5
-40 to 85°C
1.7
V
2.7
1.3
VIL
Input voltage low
4.5
-40 to 85°C
0.6
V
2.7
0.4
IIN
Control input leakage
VSW=0 to VCC
4.5
25°C
-1
1
nA
INC(OFF)
INO(OFF)
Off Leakage Current
RSTn, DATn, CLKn=0.3 or
3.6V
4.5
25°C
-80
80
nA
INC(OFF)
INO(OFF)
Off Leakage Current
SIMn=0.3 or 3.6V
4.5
25°C
-260
260
nA
INC(ON)
INO(ON)
ON Leakage Current
RSTn, DATn, CLKn,
SIMn=0.3 or 3.6V
4.5
25°C
-80
80
nA
ICC
Quiescent supply
current
VIN=0V or VCC,
IOUT=0V
4.5
25°C
5
500
nA
ROND
RST, DAT, CLK,
Resistance
IOUT=-20mA, VSW=2.3V
2.7
-40 to 85°C
2.7
Ω
RONS
SIM Resistance
IOUT=-100mA, VSW=2.3V
2.7
-40 to 85°C
0.65
Ω
ΔRON
Delta On Resistance
VSW=0V, ION=-20mA
2.7
-40 to 85°C
0.2
Ω
RFLAT(ON)
On Resistance
Flatness
IOUT=100mA,
RSTn, DATn, CLKn , SIMn
=0 to VCC
2.7
-40 to 85°C
0.8
Ω
ICCT
Increase in ICC
Current Per Control
Voltage and VCC
VIN=1.8V
4.5
25°C
7
μA
VIN=2.6V
4.5
25°C
3
μA
Capacitance
Symbol
Parameter
Conditions
Temp.
Min.
Typ.
Max.
Unit
CIN
Control Pin Input Capacitance
-40 to 85°C
2
pF
COND
DAT, CLK, RST
On Capacitance
f=1MHz
-40 to 85°C
10
pF
CONS
SIM On Capacitance
f=1MHz
-40 to 85°C
100
pF
COFFD
DAT, CLK, RST
Off Capacitance
f=1MHz
-40 to 85°C
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com